Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA04-400T Fiches technique(PDF) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No de pièce BTA04-400T
Description  SENSITIVE GATE TRIACS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BTA04-400T Fiches technique(HTML) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BTA04-400T Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA04-400T Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA04-400T Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA04-400T Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA04-400T Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Fig. 9: On-state characteristics (maximum values).
Fig. 7: Non repetitive surge peak on-state current
versus number of cycles.
Fig. 8: Non repetitive surge peak on-state current
for a sinusoidal pulse with width: t
≤ 10ms, and cor-
responding value of I
2t.
http://www.luguang.cn
Email:lge@luguang.cn
BTA04 T/D/S/A
BTB04 T/D/S/A


Numéro de pièce similaire - BTA04-400T

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BTA04-400T STMICROELECTRONICS-BTA04-400T Datasheet
438Kb / 6P
   SENSITIVE GATE TRIACS
logo
Inchange Semiconductor ...
BTA04-400T ISC-BTA04-400T Datasheet
156Kb / 1P
   isc Thyristors
More results

Description similaire - BTA04-400T

FabricantNo de pièceFiches techniqueDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com