Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD17552Q3A Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD17552Q3A
Description  30V, N-Channel NexFET Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CSD17552Q3A Fiches technique(HTML) 4 Page - Texas Instruments

  CSD17552Q3A Datasheet HTML 1Page - Texas Instruments CSD17552Q3A Datasheet HTML 2Page - Texas Instruments CSD17552Q3A Datasheet HTML 3Page - Texas Instruments CSD17552Q3A Datasheet HTML 4Page - Texas Instruments CSD17552Q3A Datasheet HTML 5Page - Texas Instruments CSD17552Q3A Datasheet HTML 6Page - Texas Instruments CSD17552Q3A Datasheet HTML 7Page - Texas Instruments CSD17552Q3A Datasheet HTML 8Page - Texas Instruments CSD17552Q3A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
0
0.5
1
1.5
2
2.5
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
ID = 250uA
G001
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8
10
12
VGS - Gate-to- Source Voltage (V)
TC = 25°C Id = 11A
TC = 125ºC Id = 11A
G001
0
2
4
6
8
10
0
5
10
15
20
Qg - Gate Charge (nC)
ID = 11A
VDS =15V
G001
10
100
1000
10000
0
10
20
30
VDS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
0
20
40
60
80
100
0
0.5
1
1.5
VDS - Drain-to-Source Voltage (V)
VGS =10V
VGS =6.5V
VGS =4.5V
G001
0
20
40
60
0
1
2
3
4
5
VGS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 5V
G001
CSD17552Q3A
SLPS387 – SEPTEMBER 2012
www.ti.com
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 3. Saturation Characteristics
Figure 4. Transfer Characteristics
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 5. Gate Charge
Figure 6. Capacitance
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 7. Threshold Voltage vs. Temperature
Figure 8. On-State Resistance vs. Gate-to-Source Voltage
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: CSD17552Q3A


Numéro de pièce similaire - CSD17552Q3A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD17552Q3A TI1-CSD17552Q3A Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
More results

Description similaire - CSD17552Q3A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD17571Q2 TI1-CSD17571Q2 Datasheet
908Kb / 11P
[Old version datasheet]   30V N-Channel NexFET Power MOSFETs
CSD17306Q5A TI-CSD17306Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17305Q5A TI-CSD17305Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17322Q5A TI1-CSD17322Q5A Datasheet
617Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A_101 TI-CSD17301Q5A_101 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17302Q5A TI-CSD17302Q5A Datasheet
359Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17304Q3 TI-CSD17304Q3 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFETs
CSD17505Q5A TI1-CSD17505Q5A Datasheet
335Kb / 12P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17506Q5A TI1-CSD17506Q5A Datasheet
202Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
DECEMBER2010
CSD17507Q5A TI-CSD17507Q5A_10 Datasheet
347Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A TI-CSD17301Q5A_10 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com