Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUDI-6000-1A Fiches technique(PDF) 1 Page - DIOTEC Electronics Corporation

No de pièce BUDI-6000-1A
Description  60 AMP BUTTON DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DEC [DIOTEC Electronics Corporation]
Site Internet  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

BUDI-6000-1A Fiches technique(HTML) 1 Page - DIOTEC Electronics Corporation

  BUDI-6000-1A Datasheet HTML 1Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ratings at 25 °C ambient temperature unless otherwise specified.
DataSheetNo.BUDI-6000-1A
60 AMP BUTTONDIODES
Tel.: (310) 767-1052 Fax: (310) 767-7958
DIOTECELECTRONICSCORP
Gardena, CA 90248 U.S.A
18020 Hobart Blvd., Unit B
Non-repetitive Peak Reverse Voltage (Half wave, single phase,
60 Hz peak)
Average Forward Rectified Current @ T =125 C
C
o
IO
60
Peak Forward Surge Current (8.3mS single half sine wave
superimposed on rated load)
IFSM
700
VRSM
60
120
240
480
1200
720
960
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
VRWM
VDC
VRRM
BAR
BAR
BAR BAR BAR BAR BAR
50
100
200
400
1000
600
800
6000 6001 6002 6004 6006 6008 6010
K17
Maximum Instantaneous Forward Voltage Drop at 60 Amp DC
VFM
1.1 (1.05 Typical)
1.15
Maximum Thermal Resistance, Junction to Case (Note 1)
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
IRM
RGJC
°C/W
mA
@ T = 25 C
A
o
@ T = 125 C
A
o
1
50
0.8
Junction Operating and Storage Temperature Range
TJ ,TSTG
°C
-65 to +175
*)4$
Notes: 1) Single Side Cooled
M
A
F
D
B
Color Ring
Denotes Cathode
DieSize:
0.220"FlattoFlat
Hex
RoHSCO
MPLIANT
Features
Case:M
Finish: AllMetalSurfaces AreSilverPlated
SolderingTemperature:250 Cmaximum
MountingPosition: Any
Polarity:Colorbanddenotescathode
Weight:0.6Ounces(1.8Grams)
o
oldedEpoxy(UL FlammabilityRating94V-O)
MechanicalData
Inches
Millimeters
Min
5.97
4.19
5.46
9.78
Dim
A
B
D
M
F
5° NOM
Max
Max
6.35
5.71
4.45
10.29
0.165
Min
0.385
0.235
0.215
0.405
0.250
0.225
5° NOM
0.175
MechanicalSpecification
MaximumRatings&ElectricalCharacteristics
Parameter (Test Conditions)
Symbol
Ratings
Units
Amps
Volts
Volts
VoidFreeVacuumDieSolderingForMaximum
MechanicalStrengthandHeatDissipation
(SolderVoids:Typical<2%,Max.<10%ofDie Area)
BiggestEffectiveDie Areaforthe60 AmpClassof
ButtonDiodes
HighTemperatureSolder(Solidus287 C,Liquidus296 C)
to AllowHigherOperating And AssemblyTemperatures
CopperHeaders AreSilverPlatedForEasySoldering
AndSuperiorSolderJoints
O
O


Numéro de pièce similaire - BUDI-6000-1A

FabricantNo de pièceFiches techniqueDescription
logo
DIOTEC Electronics Corp...
BUDI-6000D-1A DEC-BUDI-6000D-1A Datasheet
59Kb / 1P
   60 AMP JUMBO DIODE CELL
More results

Description similaire - BUDI-6000-1A

FabricantNo de pièceFiches techniqueDescription
logo
DIOTEC Electronics Corp...
BAR6000S DEC-BAR6000S Datasheet
233Kb / 1P
   60 AMP BUTTON DIODES
BAR6000 DEC-BAR6000 Datasheet
244Kb / 1P
   60 AMP BUTTON DIODES
BAR5000 DEC-BAR5000 Datasheet
243Kb / 1P
   50 AMP BUTTON DIODES
BAR7500S DEC-BAR7500S Datasheet
248Kb / 1P
   75 AMP BUTTON DIODES
BUDI-3500S-1A DEC-BUDI-3500S-1A Datasheet
64Kb / 1P
   35 AMP BUTTON DIODES
BUDI-7500S-1A DEC-BUDI-7500S-1A Datasheet
65Kb / 1P
   75 AMP BUTTON DIODES
BAR5000S DEC-BAR5000S Datasheet
246Kb / 1P
   50 AMP BUTTON DIODES
BAR7500 DEC-BAR7500 Datasheet
247Kb / 1P
   75 AMP BUTTON DIODES
BUDI-7500-1A DEC-BUDI-7500-1A Datasheet
65Kb / 1P
   75 AMP BUTTON DIODES
BUDI-3500-1B DEC-BUDI-3500-1B Datasheet
68Kb / 1P
   35 AMP BUTTON DIODES
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com