Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUDI-3500D-1A Fiches technique(PDF) 1 Page - DIOTEC Electronics Corporation

No de pièce BUDI-3500D-1A
Description  35 AMP SOZA DIODE CELLS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DEC [DIOTEC Electronics Corporation]
Site Internet  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

BUDI-3500D-1A Fiches technique(HTML) 1 Page - DIOTEC Electronics Corporation

  BUDI-3500D-1A Datasheet HTML 1Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MAXIMUMRATINGS&ELECTRICAL CHARACTERISTICS
FEATURES
MECHANICAL SPECIFICATION
Ratings at 25 °C ambient temperature unless otherwise specified.
PARAMETER (TEST CONDITIONS)
Series Number
SYMBOL
BAR
3504D
3502D
BAR
BAR
3501D
3506D
BAR
3508D
BAR
RATINGS
UNITS
BAR
3512D
3510D
BAR
D
A
F
B
G
Proprietary
Passivation
Silver Plated
Copper Slugs
Silicon Die
DataSheetNo.BUDI-3500D-1A
Tel.: (310) 767-1052 Fax: (310) 767-7958
DIOTECELECTRONICSCORP.
Gardena, CA 90248 U.S.A
18020 Hobart Blvd., Unit B
35 AMP SOZA DIODECELLS
K9
Non-repetitive Peak Forward Surge Current
(Half wave, Single phase, 60Hz sine applied to rated load)
500
35
AMPS
Io
IFSM
Average Rectified Forward Current (Single phase, Resistive load,
60Hz)
Maximum Thermal Resistance, Junction to Lead (Note 1)
Operating & Storage Temperature Range
Maximum DC Reverse Current
@ Tc = 25 C
At Rated DC Blocking Voltage
@ Tc = 100 C
o
o
IR
RGJC
T ,T
J STG
50
0.9
-65 to +175
0.5
1.1 (1.05 Typical)
1.15
VOLTS
°C/W
°C
mA
Maximum Forward Voltage @ 35 Amp DC
*)4!#@
Notes: 1) Single Side Cooled
DieSize:
0.180"Diameter
Round
RoHSCOMPLIANT
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
VRMS
VRRM
VRRM
VOLTS
140
280
700
420
560
70
100
200
400
1000
600
800
840
1200
100
200
400
1000
600
800
1200
VoidFreeVacuumDieSolderingFor
MaximumMechanicalStrengthandHeat
Dissipation(SolderVoids:
Typical<2%,Max.<10%ofDie Area)
HighTemperatureSolder(Solidus287 C,
Liquidus296 C)to AllowHigherOperating
And AssemblyTemperatures
O
O
CopperHeaders AreSilverPlatedFor
EasySoldering AndSuperiorSolderJoints
BiggestEffectiveDie Areaforthe35 Amp
ClassofSoza DiodeCells
Largest Diameter
Slug Is Cathode
Smallest Diameter
Slug Is Anode
LargestDiameterHeaderIsCathode
INCHES
MILLIMETERS
MIN
1.95
0.64
4.77
5.41
DIM
A
B
D
F
MAX
MAX
2.05
4.87
0.76
5.51
0.025
MIN
0.213
0.077
0.188
0.217
0.081
0.192
0.030
G
0.038 0.043
0.96
1.09


Numéro de pièce similaire - BUDI-3500D-1A

FabricantNo de pièceFiches techniqueDescription
logo
DIOTEC Electronics Corp...
BUDI-3500-1B DEC-BUDI-3500-1B Datasheet
68Kb / 1P
   35 AMP BUTTON DIODES
BUDI-3500S-1A DEC-BUDI-3500S-1A Datasheet
64Kb / 1P
   35 AMP BUTTON DIODES
More results

Description similaire - BUDI-3500D-1A

FabricantNo de pièceFiches techniqueDescription
logo
DIOTEC Electronics Corp...
BAR3501D DEC-BAR3501D Datasheet
246Kb / 1P
   35 AMP SOZA DIODE CELLS
BAR2501D DEC-BAR2501D Datasheet
234Kb / 1P
   25 AMP SOZA DIODE CELLS
BUDI-2500D-1A DEC-BUDI-2500D-1A Datasheet
64Kb / 1P
   25 AMP SOZA DIODE CELLS
logo
Shunye Enterprise
SC35A SHUNYE-SC35A Datasheet
241Kb / 2P
   35 AMP SOZA CELL
SC3524 SHUNYE-SC3524 Datasheet
267Kb / 2P
   35 AMP SOZA CELL
logo
DIOTEC Electronics Corp...
BAR1201D DEC-BAR1201D Datasheet
233Kb / 1P
   12 AMP PR4 DIODE CELLS
BUDI-1200D-1A DEC-BUDI-1200D-1A Datasheet
64Kb / 1P
   12 AMP PR4 DIODE CELLS
logo
First Components Intern...
SCFR2501 FCI-SCFR2501 Datasheet
2Mb / 2P
   25.0 Amp SOZA CELL AUTO DIODE
logo
Shunye Enterprise
SC2524 SHUNYE-SC2524 Datasheet
260Kb / 2P
   25 AMP SOZA CELL
SC25A SHUNYE-SC25A Datasheet
222Kb / 2P
   25 AMP SOZA CELL
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com