Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD1E05U06 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD1E05U06
Description  1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPD1E05U06 Fiches technique(HTML) 2 Page - Texas Instruments

  TPD1E05U06 Datasheet HTML 1Page - Texas Instruments TPD1E05U06 Datasheet HTML 2Page - Texas Instruments TPD1E05U06 Datasheet HTML 3Page - Texas Instruments TPD1E05U06 Datasheet HTML 4Page - Texas Instruments TPD1E05U06 Datasheet HTML 5Page - Texas Instruments TPD1E05U06 Datasheet HTML 6Page - Texas Instruments TPD1E05U06 Datasheet HTML 7Page - Texas Instruments TPD1E05U06 Datasheet HTML 8Page - Texas Instruments TPD1E05U06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TPD1E05U06
TPD4E05U06
TPD6E05U06
SLVSBO7B – DECEMBER 2012 – REVISED JANUARY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
TOP-SIDE
TA
PACKAGE(1) (2)
QUANTITY
ORDERABLE PART NUMBER
MARKING(3)
SON – DPY
Tape and reel
10K
TPD1E05U06DPYR
C1
SON – DPY
Tape and reel
250
TPD1E05U06DPYT
TBD
–40°C to 85°C
SON – DQA
Tape and reel
3000
TPD4E05U06DQAR
TBD
SON – RVZ
Tape and reel
3000
TPD6E05U06RVZR
TBD
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
DQA: The actual top-side marking has one additional character that designates wafer fab/assembly site.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Single Channel Schematic Diagram
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPD1E05U06 TPD4E05U06 TPD6E05U06


Numéro de pièce similaire - TPD1E05U06

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD1E05U06 TI1-TPD1E05U06 Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TPD1E05U06 TI1-TPD1E05U06 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06 TI-TPD1E05U06 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD1E05U06-Q1 TI1-TPD1E05U06-Q1 Datasheet
1,004Kb / 22P
[Old version datasheet]   1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
More results

Description similaire - TPD1E05U06

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD1E05U06 TI1-TPD1E05U06_16 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06 TI-TPD1E05U06_V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06_V02 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD4E05U06-Q1 TI1-TPD4E05U06-Q1 Datasheet
1,004Kb / 22P
[Old version datasheet]   1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com