Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD1E05U06 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD1E05U06
Description  1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPD1E05U06 Fiches technique(HTML) 5 Page - Texas Instruments

  TPD1E05U06 Datasheet HTML 1Page - Texas Instruments TPD1E05U06 Datasheet HTML 2Page - Texas Instruments TPD1E05U06 Datasheet HTML 3Page - Texas Instruments TPD1E05U06 Datasheet HTML 4Page - Texas Instruments TPD1E05U06 Datasheet HTML 5Page - Texas Instruments TPD1E05U06 Datasheet HTML 6Page - Texas Instruments TPD1E05U06 Datasheet HTML 7Page - Texas Instruments TPD1E05U06 Datasheet HTML 8Page - Texas Instruments TPD1E05U06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TPD1E05U06
TPD4E05U06
TPD6E05U06
www.ti.com
SLVSBO7B – DECEMBER 2012 – REVISED JANUARY 2013
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
IIO = 10 µA
5.5
V
IPP= 1 A, tp = 8/20 μs, from I/O to ground
(1)
10.4
IPP= 2.5A, tp = 8/20 μs, from I/O to ground
(1)
13.4
Vclamp
Clamp voltage
V
IPP= 1A, tp = 8/20 μs, from ground to I/O
(1)
3.3
IPP= 3A, tp = 8/20 μs, from ground to I/O
(1)
7.6
Pin x to GND Pin(2)
0.65
DPY package dynamic
Ω
resistance
GND Pin to Pin x (2)
0.8
Pin x to GND Pin(2)
TBD
DQA package dynamic
RDYN
Ω
resistance
GND Pin to Pin x (2)
TBD
Pin x to GND Pin(2)
TBD
RVZ package dynamic
Ω
resistance
GND Pin to Pin x (2)
TBD
CL
Line capacitance(3)
VIO = 2.5 V, F = 1 MHz, I/O to GND
0.42
0.5
pF
Channel to channel input
GND Pin = 0 V, F = 1 GHz, VBIAS = 2.5 V, between
CCROSS
0.1
0.15
pF
capacitance
channel pins
ΔCIO-TO-
Variation of channel input
GND Pin = 0 V, F = 1 GHz, VBIAS = 2.5 V,
0.05
0.07
pF
GND
capacitance
channel_x pin to gnd – channel_y pin to gnd
VBR
Break-down voltage
IIO = 1 mA
6.5
8.5
V
ILEAK
Leakage current
VIO = 2.5 V
1
10
nA
(1)
Non-repetitive current pulse 8/20us exponentially decaying waveform according to IEC61000-4-5.
(2)
Extraction of RDYIN using least squares fit of TLP characteristics between I = 10 A and I = 20 A.
(3)
Capacitance data is taken at 25°C.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPD1E05U06 TPD4E05U06 TPD6E05U06


Numéro de pièce similaire - TPD1E05U06

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD1E05U06 TI1-TPD1E05U06 Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TPD1E05U06 TI1-TPD1E05U06 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06 TI-TPD1E05U06 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD1E05U06-Q1 TI1-TPD1E05U06-Q1 Datasheet
1,004Kb / 22P
[Old version datasheet]   1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
More results

Description similaire - TPD1E05U06

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD1E05U06 TI1-TPD1E05U06_16 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06 TI-TPD1E05U06_V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06_V02 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD4E05U06-Q1 TI1-TPD4E05U06-Q1 Datasheet
1,004Kb / 22P
[Old version datasheet]   1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com