Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC104S085CISD Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce DAC104S085CISD
Description  10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC104S085CISD Fiches technique(HTML) 5 Page - Texas Instruments

  DAC104S085CISD Datasheet HTML 1Page - Texas Instruments DAC104S085CISD Datasheet HTML 2Page - Texas Instruments DAC104S085CISD Datasheet HTML 3Page - Texas Instruments DAC104S085CISD Datasheet HTML 4Page - Texas Instruments DAC104S085CISD Datasheet HTML 5Page - Texas Instruments DAC104S085CISD Datasheet HTML 6Page - Texas Instruments DAC104S085CISD Datasheet HTML 7Page - Texas Instruments DAC104S085CISD Datasheet HTML 8Page - Texas Instruments DAC104S085CISD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
DAC104S085
www.ti.com
SNAS362E – MAY 2006 – REVISED OCTOBER 2012
Electrical Characteristics (continued)
The following specifications apply for VA = +2.7V to +5.5V, VREFIN = VA, CL = 200 pF to GND, fSCLK = 30 MHz, input code
range 12 to 1011. Boldface limits apply for TMIN ≤ TA ≤ TMAX and all other limits are at TA = 25°C, unless otherwise
specified.
Units
Symbol
Parameter
Conditions
Typical(1)
Limits(1)
(Limits)
OUTPUT CHARACTERISTICS
0
V (min)
Output Voltage Range
See (2)
VREFIN
V (max)
High-Impedance Output
IOZ
±1
µA (max)
Leakage Current(2)
VA = 3V, IOUT = 200 µA
1.3
mV
VA = 3V, IOUT = 1 mA
6.0
mV
ZCO
Zero Code Output
VA = 5V, IOUT = 200 µA
7.0
mV
VA = 5V, IOUT = 1 mA
10.0
mV
VA = 3V, IOUT = 200 µA
2.984
V
VA = 3V, IOUT = 1 mA
2.934
V
FSO
Full Scale Output
VA = 5V, IOUT = 200 µA
4.989
V
VA = 5V, IOUT = 1 mA
4.958
V
VA = 3V, VOUT = 0V,
-56
mA
Input Code = 3FFh
Output Short Circuit Current
IOS
(source)
VA = 5V, VOUT = 0V,
-69
mA
Input Code = 3FFh
VA = 3V, VOUT = 3V,
52
mA
Input Code = 000h
IOS
Output Short Circuit Current (sink)
VA = 5V, VOUT = 5V,
75
mA
Input Code = 000h
Continuous Output
IO
Available on each DAC output
11
mA (max)
Current(2)
RL = ∞
1500
pF
CL
Maximum Load Capacitance
RL = 2kΩ
1500
pF
ZOUT
DC Output Impedance
7.5
REFERENCE INPUT CHARACTERISTICS
Input Range Minimum
0.2
1.0
V (min)
VREFIN
Input Range Maximum
VA
V (max)
Input Impedance
30
k
LOGIC INPUT CHARACTERISTICS
IIN
Input Current(2)
±1
µA (max)
VA = 3V
0.9
0.6
V (max)
VIL
Input Low Voltage(2)
VA = 5V
1.5
0.8
V (max)
VA = 3V
1.4
2.1
V (min)
VIH
Input High Voltage(2)
VA = 5V
2.1
2.4
V (min)
CIN
Input Capacitance(2)
3
pF (max)
POWER REQUIREMENTS
Supply Voltage Minimum
2.7
V (min)
VA
(3)
Supply Voltage Maximum
5.5
V (max)
(2)
This parameter is guaranteed by design and/or characterization and is not tested in production.
(3)
To guarantee accuracy, it is required that VA and VREFIN be well bypassed.
Copyright © 2006–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DAC104S085


Numéro de pièce similaire - DAC104S085CISD

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC104S085CIMM NSC-DAC104S085CIMM Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC104S085CIMMX NSC-DAC104S085CIMMX Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results

Description similaire - DAC104S085CISD

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC102S085 NSC-DAC102S085 Datasheet
821Kb / 18P
   10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC102S085 TI1-DAC102S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com