Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT8056 Fiches technique(PDF) 11 Page - Richtek Technology Corporation

No de pièce RT8056
Description  Dual 1A 1.5MHz Synchronous Step-Down Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICHTEK [Richtek Technology Corporation]
Site Internet  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8056 Fiches technique(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8056 Datasheet HTML 3Page - Richtek Technology Corporation RT8056 Datasheet HTML 4Page - Richtek Technology Corporation RT8056 Datasheet HTML 5Page - Richtek Technology Corporation RT8056 Datasheet HTML 6Page - Richtek Technology Corporation RT8056 Datasheet HTML 7Page - Richtek Technology Corporation RT8056 Datasheet HTML 8Page - Richtek Technology Corporation RT8056 Datasheet HTML 9Page - Richtek Technology Corporation RT8056 Datasheet HTML 10Page - Richtek Technology Corporation RT8056 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
RT8056
11
DS8056-02 April 2011
www.richtek.com
Richtek Technology Corporation
Headquarter
5F, No. 20, Taiyuen Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789 Fax: (8863)5526611
Information that is provided by Richtek Technology Corporation is believed to be accurate and reliable. Richtek reserves the right to make any change in circuit design,
specification or other related things if necessary without notice at any time. No third party intellectual property infringement of the applications should be guaranteed
by users when integrating Richtek products into any application. No legal responsibility for any said applications is assumed by Richtek.
Richtek Technology Corporation
Taipei Office (Marketing)
5F, No. 95, Minchiuan Road, Hsintien City
Taipei County, Taiwan, R.O.C.
Tel: (8862)86672399 Fax: (8862)86672377
Email: marketing@richtek.com
Outline Dimension
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.180
0.300
0.007
0.012
D
2.950
3.050
0.116
0.120
D2
2.300
2.650
0.091
0.104
E
2.950
3.050
0.116
0.120
E2
1.500
1.750
0.059
0.069
e
0.500
0.020
L
0.350
0.450
0.014
0.018
W-Type 10L DFN 3x3 Package
1
1
2
2
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
D
1
E
A3
A
A1
D2
E2
L
b
e
SEE DETAIL A


Numéro de pièce similaire - RT8056

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RT8056GQW RICHTEK-RT8056GQW Datasheet
295Kb / 11P
   Dual 1A 1.5MHz Synchronous Step-Down Converters
More results

Description similaire - RT8056

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RT8056GQW RICHTEK-RT8056GQW Datasheet
295Kb / 11P
   Dual 1A 1.5MHz Synchronous Step-Down Converters
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6167 FEELING-FP6167 Datasheet
377Kb / 14P
   Dual 1.5MHz, 1A Synchronous Step-Down Regulator
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251A AME-AME5251A Datasheet
354Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5251 AME-AME5251 Datasheet
365Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6168 FEELING-FP6168 Datasheet
319Kb / 12P
   Dual 1.5MHz, 1A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com