Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT8056 Fiches technique(PDF) 10 Page - Richtek Technology Corporation

No de pièce RT8056
Description  Dual 1A 1.5MHz Synchronous Step-Down Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICHTEK [Richtek Technology Corporation]
Site Internet  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8056 Fiches technique(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8056 Datasheet HTML 3Page - Richtek Technology Corporation RT8056 Datasheet HTML 4Page - Richtek Technology Corporation RT8056 Datasheet HTML 5Page - Richtek Technology Corporation RT8056 Datasheet HTML 6Page - Richtek Technology Corporation RT8056 Datasheet HTML 7Page - Richtek Technology Corporation RT8056 Datasheet HTML 8Page - Richtek Technology Corporation RT8056 Datasheet HTML 9Page - Richtek Technology Corporation RT8056 Datasheet HTML 10Page - Richtek Technology Corporation RT8056 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RT8056
10
DS8056-02 April 2011
www.richtek.com
Layout Consideration
Follow the PCB layout guidelines for optimal performance of RT8056.
For the main current path, keep their traces short and wide.
Put the input capacitor as close as possible to the device pins (VIN and GND).
LX node is with high frequency voltage swing and should be kept small area. Keep analog components away from LX
node to prevent stray capacitive noise pick-up.
Connect feedback network behind the output capacitors. Keep the loop area small. Place the feedback components
near the RT8056.
Connect all analog grounds to a command node and then connect the command node to the power ground behind the
output capacitors.
Figure 3. PCB Layout Guide
FB2
NC
FB1
NC
LX2
EN2
GND
LX1
EN1
VIN
9
8
7
1
2
3
4
5
10
6
11
VOUT1
VOUT2
VOUT1
VOUT2
R4
R3
R1
R2
CIN
L1
L2
COUT1
COUT2
Connect the FB pin directly to
feedback resistors. The resistor
divider must be connected
between VOUT and GND
The trace for L1 and L2
must be wide and short.
Keep sensitive
compontents away from
this trace.
The CIN between
VIN and GND must
be as close as
possible to the IC.
GND


Numéro de pièce similaire - RT8056

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RT8056GQW RICHTEK-RT8056GQW Datasheet
295Kb / 11P
   Dual 1A 1.5MHz Synchronous Step-Down Converters
More results

Description similaire - RT8056

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RT8056GQW RICHTEK-RT8056GQW Datasheet
295Kb / 11P
   Dual 1A 1.5MHz Synchronous Step-Down Converters
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6167 FEELING-FP6167 Datasheet
377Kb / 14P
   Dual 1.5MHz, 1A Synchronous Step-Down Regulator
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251A AME-AME5251A Datasheet
354Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5251 AME-AME5251 Datasheet
365Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6168 FEELING-FP6168 Datasheet
319Kb / 12P
   Dual 1.5MHz, 1A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com