Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7171KS Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADV7171KS
Description  Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7171KS Fiches technique(HTML) 5 Page - Analog Devices

  ADV7171KS Datasheet HTML 1Page - Analog Devices ADV7171KS Datasheet HTML 2Page - Analog Devices ADV7171KS Datasheet HTML 3Page - Analog Devices ADV7171KS Datasheet HTML 4Page - Analog Devices ADV7171KS Datasheet HTML 5Page - Analog Devices ADV7171KS Datasheet HTML 6Page - Analog Devices ADV7171KS Datasheet HTML 7Page - Analog Devices ADV7171KS Datasheet HTML 8Page - Analog Devices ADV7171KS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
ADV7170/ADV7171
–5–
REV. 0
5 V TIMING SPECIFICATIONS
(VAA = 4.75 V – 5.25 V
1, V
REF = 1.235 V, RSET = 150
. All specifications TMIN to TMAX
2 unless
otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Units
MPU PORT
3, 4
SCLOCK Frequency
0
400
kHz
SCLOCK High Pulsewidth, t1
0.6
µs
SCLOCK Low Pulsewidth, t2
1.3
µs
Hold Time (Start Condition), t3
After This Period the First Clock Is Generated
0.6
µs
Setup Time (Start Condition), t4
Relevant for Repeated Start Condition
0.6
µs
Data Setup Time, t5
100
ns
SDATA, SCLOCK Rise Time, t6
300
ns
SDATA, SCLOCK Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
0.6
µs
ANALOG OUTPUTS3, 5
Analog Output Delay
7ns
DAC Analog Output Skew
0
ns
CLOCK CONTROL AND
PIXEL PORT5, 6
fCLOCK
27
MHz
Clock High Time, t9
8ns
Clock Low Time, t10
8ns
Data Setup Time, t11
3.5
ns
Data Hold Time, t12
4ns
Control Setup Time, t11
4ns
Control Hold Time, t12
3ns
Digital Output Access Time, t13
11
16
ns
Digital Output Hold Time, t14
4
8ns
Pipeline Delay, t15
4
48
Clock Cycles
TELETEXT
3, 4, 7
Digital Output Access Time, t16
20
ns
Data Setup Time, t17
2ns
Data Hold Time, t18
6ns
RESET CONTROL3, 4
RESET Low Time
6
ns
NOTES
1The max/min specifications are guaranteed over this range. The max/min values are typical over 4.75 V to 5.25 V range.
2Temperature range T
MIN to TMAX: 0
oC to +70oC.
3TTL input values are 0 to 3 volts, with input rise/fall times
≤ 3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and
outputs. Analog output load
≤ 10 pF.
4Guaranteed by characterization.
5Output delay measured from the 50% point of the rising edge of CLOCK to the 50% point of full-scale transition.
6Pixel Port consists of the following:
Pixel Inputs:
P15–P0
Pixel Controls:
HSYNC, FIELD/VSYNC, BLANK
Clock Input:
CLOCK
7Teletext Port consists of the following:
Teletext Output:
TTXREQ
Teletext Input:
TTX
Specifications subject to change without notice.


Numéro de pièce similaire - ADV7171KS

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
ADV7171KSUZ-REEL AD-ADV7171KSUZ-REEL Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
ADV7171KSZ AD-ADV7171KSZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
ADV7171KSZ-REEL AD-ADV7171KSZ-REEL Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
More results

Description similaire - ADV7171KS

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7170 AD-ADV7170_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171 AD-ADV7171_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7179BCPZ AD-ADV7179BCPZ Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7174 AD-ADV7174_15 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7179 AD-ADV7179_15 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
Rev. B
ADV7174 AD-ADV7174 Datasheet
488Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. A
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com