Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7173 Fiches technique(PDF) 7 Page - Analog Devices |
|
ADV7173 Fiches technique(HTML) 7 Page - Analog Devices |
7 / 59 page ADV7172/ADV7173 –7– REV. A 3.3 V TIMING SPECIFICATIONS (VAA = +3.0 V–3.6 V 1, V REF = 1.235 V, RSET1,2 = 600 . All specifications TMIN to TMAX 2 unless otherwise noted.) Parameter Conditions Min Typ Max Units MPU PORT3, 4 SCLOCK Frequency 0 400 kHz SCLOCK High Pulsewidth, t1 0.6 µs SCLOCK Low Pulsewidth, t2 1.3 µs Hold Time (Start Condition), t3 After this period the 1st clock is generated 0.6 µs Setup Time (Start Condition), t4 relevant for repeated Start Condition. 0.6 µs Data Setup Time, t5 100 ns SDATA, SCLOCK Rise Time, t6 300 ns SDATA, SCLOCK Fall Time, t7 300 ns Setup Time (Stop Condition), t8 0.6 µs ANALOG OUTPUTS 3, 5 Analog Output Delay 7ns DAC Analog Output Skew 0 ns CLOCK CONTROL AND PIXEL PORT 4, 5, 6 fCLOCK 27 MHz Clock High Time, t9 8ns Clock Low Time, t10 8ns Data Setup Time, t11 4.0 ns Data Hold Time, t12 5ns Control Setup Time, t11 5ns Control Hold Time, t12 3ns Digital Output Access Time, t13 20 ns Digital Output Hold Time, t14 12 ns Pipeline Delay, t15 37 Clock Cycles TELETEXT PORT3, 4, 7 Digital Output Access Time, t16 23 ns Data Setup Time, t17 2ns Data Hold Time, t18 6ns RESET CONTROL3, 4 RESET Low Time 3ns NOTES 1The max/min specifications are guaranteed over this range. The max/min values are typical over 3.0 V to 3.6 V range. 2Temperature range T MIN to TMAX: 0 °C to +70 °C. 3TTL input values are 0 to 3 volts, with input rise/fall times ≤ 3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and outputs. Analog output load ≤ 10 pF. 4Guaranteed by characterization. 5Output delay measured from the 50% point of the rising edge of CLOCK to the 50% point of full-scale transition. 6Pixel Port consists of the following: Pixel Inputs: P7–P0 Pixel Controls: HSYNC, FIELD/VSYNC, BLANK, VSO, CSO_HSO, CLAMP Clock Input: CLOCK 7Teletext Port consists of the following: Teletext Output: TTXREQ Teletext Input: TTX Specifications subject to change without notice. |
Numéro de pièce similaire - ADV7173 |
|
Description similaire - ADV7173 |