Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS34H Fiches technique(PDF) 2 Page - Zowie Technology Corporation

No de pièce SS34H
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZOWIE [Zowie Technology Corporation]
Site Internet  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SS34H Fiches technique(HTML) 2 Page - Zowie Technology Corporation

  SS34H Datasheet HTML 1Page - Zowie Technology Corporation SS34H Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SS32H THRU SS310H
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0
20
40
60
80
100
1
10
100
FIG.4 - TYPICAL REVERSE CURRENT
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
VOLTAGE,%
SS32H & SS34H
SS36H & SS310H
SS32H & SS34H
SS36H & SS310H
SS32H & SS34H
SS36H & SS310H
0.01
0.10
1.00
10.00
30.00
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TJ=25
o
C
TJ=125
o
C
Pulse width=300us
1% Duty Cycle
0.001
0.01
0.1
1.0
10
20
0
20
40
60
80
100
TJ=25
o
C
TJ=100
o
C
TJ=125
o
C
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
o
C
f=1.0MHz
Vsig=50mVP-P
REVERSE VOLTAGE, VOLTS
.1
1000
1.0
100
10
100
10
Zowie Technology Corporation
REV. 0
FIG.1 - FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE,
o
C
50
60
0
2.0
3.0
1.0
4.0
Resistive or
Inductive Load
SS32H & SS34H
SS36H & SS310H
P.C.B. Mounted on
0.55 x 0.55" (14 x 14mm)
Copper pad areas
70
80
90
100 110 120 130
140
160
150


Numéro de pièce similaire - SS34H

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
SS34HE MCC-SS34HE Datasheet
548Kb / 3P
   High current capability
logo
Vishay Siliconix
SS34HE3-57T VISHAY-SS34HE3-57T Datasheet
376Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 23-Jan-08
SS34HE3-9AT VISHAY-SS34HE3-9AT Datasheet
376Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 23-Jan-08
SS34HE3/57T VISHAY-SS34HE3/57T Datasheet
89Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 17-Dec-12
SS34HE3/9AT VISHAY-SS34HE3/9AT Datasheet
89Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 17-Dec-12
More results

Description similaire - SS34H

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com