Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7120KP80 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce ADV7120KP80
Description  CMOS 80 MHz, Triple 8-Bit Video DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7120KP80 Fiches technique(HTML) 9 Page - Analog Devices

Back Button ADV7120KP80 Datasheet HTML 4Page - Analog Devices ADV7120KP80 Datasheet HTML 5Page - Analog Devices ADV7120KP80 Datasheet HTML 6Page - Analog Devices ADV7120KP80 Datasheet HTML 7Page - Analog Devices ADV7120KP80 Datasheet HTML 8Page - Analog Devices ADV7120KP80 Datasheet HTML 9Page - Analog Devices ADV7120KP80 Datasheet HTML 10Page - Analog Devices ADV7120KP80 Datasheet HTML 11Page - Analog Devices ADV7120KP80 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADV7120
REV. B
–9–
The unused analog outputs should be terminated with the same
load as that for the used channel. In other words, if the red
channel is used and IOR is terminated with a doubly terminated
75
Ω load (37.5 Ω), IOB and IOG should be terminated with
37.5
Ω resistors. (See Figure 6.)
GND
ADV7120
R0
R7
G0
G7
B0
B7
VIDEO
INPUT
DOUBLY
TERMINATED
75
Ω LOAD
IOR
IOG
IOB
37.5
37.5
Figure 6. Input and Output Connections for Stand-Alone
Gray Scale or Composite Video
Video Output Buffers
The ADV7120 is specified to drive transmission line loads,
which is what most monitors are rated as. The analog output
configurations to drive such loads are described in the Analog
Interface section and illustrated in Figure 5. However, in some
applications it may be required to drive long “transmission line”
cable lengths. Cable lengths greater than 10 meters can attenu-
ate and distort high frequency analog output pulses. The inclu-
sion of output buffers will compensate for some cable distortion.
Buffers with large full power bandwidths and gains between 2
and 4 will be required.
These buffers will also need to be able to supply sufficient cur-
rent over the complete output voltage swing. Analog Devices
produces a range of suitable op amps for such applications.
These include the AD84X series of monolithic op amps. In very
high frequency applications (80 MHz), the AD9617 is recom-
mended. More information on line driver buffering circuits is
given in the relevant op amp data sheets.
Use of buffer amplifiers also allows implementation of other
video standards besides RS-343A and RS-170. Altering the gain
components of the buffer circuit will result in any desired
video level.
7
6
4
3
2
AD848
DACs
IOR, IOG, IOB
(CABLE)
Z
O = 75Ω
Z
S = 75Ω
(SOURCE
TERMINATION)
Z
L = 75Ω
(MONITOR)
0.1
µF
75
+V
S
Z
1
Z
2
–V
S
0.1
µF
GAIN (G) = 1 +
Z
1
Z
2
Figure 7. AD848 As an Output Buffer


Numéro de pièce similaire - ADV7120KP80

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7120KP80 AD-ADV7120KP80 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results

Description similaire - ADV7120KP80

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com