Moteur de recherche de fiches techniques de composants électroniques |
|
ADR290FR-REEL7 Fiches technique(PDF) 5 Page - Analog Devices |
|
ADR290FR-REEL7 Fiches technique(HTML) 5 Page - Analog Devices |
5 / 15 page ADR290/ADR291/ADR292 REV. B –5– ABSOLUTE MAXIMUM RATINGS Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V Output Short-Circuit Duration to GND . . . . . . . . . . Indefinite Storage Temperature Range SO, RU Package . . . . . . . . . . . . . . . . . . . 65 °C to 150°C Operating Temperature Range ADR290/ADR291/ADR292 . . . . . . . . . . . 40 °C to 125°C Junction Temperature Range SO, RU Package . . . . . . . . . . . . . . . . . . . 65 °C to 125°C Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . 300 °C NOTES 1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation at or above this specification is not implied. Exposure to the above maximum rating conditions for extended periods may affect device reliability. 2. Remove power before inserting or removing units from their sockets. Package Type JA* JC Unit 8-Lead SOIC (SO) 158 43 °C/W 8-Lead TSSOP (RU) 240 43 °C/W * θ JA is specified for worst-case conditions, i.e., θ JA is specified for device in socket testing. In practice, θ JA is specified for a device soldered in the circuit board. CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADR290/ADR291/ADR292 features proprietary ESD protection circuitry, perma- nent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE ORDERING GUIDE Temperature Number of Output Initial Coefficient Package Package Parts per Model Voltage Accuracy (%) Max (ppm/ C) Description Option Package ADR290 ER, ER-REEL7, ER-REEL 2.048 0.10 8 SOIC SO-8 98, 1000, 2500 FR, FR-REEL7, FR-REEL 2.048 0.15 15 SOIC SO-8 98, 1000, 2500 GR, GR-REEL7, GR-REEL 2.048 0.29 25 SOIC SO-8 98, 1000, 2500 GRU-REEL7, GRU-REEL 2.048 0.29 25 TSSOP RU-8 1000, 2500 ADR291 ER, ER-REEL7, ER-REEL 2.50 0.08 8 SOIC SO-8 98, 1000, 2500 FR, FR-REEL7, FR-REEL 2.50 0.12 15 SOIC SO-8 98, 1000, 2500 GR, GR-REEL7, GR-REEL 2.50 0.24 25 SOIC SO-8 98, 1000, 2500 GRU-REEL7, GRU-REEL 2.50 0.24 25 TSSOP RU-8 1000, 2500 ADR292 ER, ER-REEL7, ER-REEL 4.096 0.07 8 SOIC SO-8 98, 1000, 2500 FR, FR-REEL7, FR-REEL 4.096 0.10 15 SOIC SO-8 98, 1000, 2500 GR, GR-REEL7, GR-REEL 4.096 0.15 25 SOIC SO-8 98, 1000, 2500 GRU-REEL7, GRU-REEL 4.096 0.15 25 TSSOP RU-8 1000, 2500 See ADR293 data sheet for ordering guide. OTHER XFET PRODUCTS Part Nominal Output Package Number Voltage (V) Type ADR420 2.048 8-Lead_ µSOIC/SOIC ADR421 2.50 8-Lead_ µSOIC/SOIC |
Numéro de pièce similaire - ADR290FR-REEL7 |
|
Description similaire - ADR290FR-REEL7 |