Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAA126L Fiches technique(PDF) 1 Page - IXYS Corporation

No de pièce LAA126L
Description  Dual Single-Pole, Normally Open OptoMOS Relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA126L Fiches technique(HTML) 1 Page - IXYS Corporation

  LAA126L Datasheet HTML 1Page - IXYS Corporation LAA126L Datasheet HTML 2Page - IXYS Corporation LAA126L Datasheet HTML 3Page - IXYS Corporation LAA126L Datasheet HTML 4Page - IXYS Corporation LAA126L Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LAA126L-R04
1
LAA126L
Dual Single-Pole, Normally Open
OptoMOS® Relays
e3
Pb
Part #
Description
LAA126L
8 Pin DIP (50/Tube)
LAA126LS
8 Pin Surface Mount (50/Tube)
LAA126LSTR
8 Pin Surface Mount (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
250
V
P
Load Current
170
mA
rms / mADC
On-Resistance (max)
20
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
Current Limiting Device
3750V
rms Input/Output Isolation
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Small 8-Pin Package
Machine Insertable, Wave Solderable
Surface Mount and Tape & Reel Versions Available
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket
Size)
Hook Switch
Dial Pulsing
Ground Start
Ringing Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
LAA126L is a dual single-pole, normally open
(1-Form-A) current-limited Solid State Relay. The
combination of super efficient MOSFET switches and
photovoltaic die provides 3750V
rms of input to output
isolation.
The optically coupled outputs, which use the
patented OptoMOS architecture, are controlled by a
highly efficient GaAIAs infrared LED.
Dual single-pole OptoMOS relays provide a more
compact design solution than two discrete single-pole
relays in a variety of applications, and save board
space by incorporating both switches in a single 8-pin
package.


Numéro de pièce similaire - LAA126L

FabricantNo de pièceFiches techniqueDescription
logo
Clare, Inc.
LAA126L CLARE-LAA126L Datasheet
103Kb / 4P
   Single Pole OptoMOS Relays
LAA126LS CLARE-LAA126LS Datasheet
103Kb / 4P
   Single Pole OptoMOS Relays
LAA126LSTR CLARE-LAA126LSTR Datasheet
103Kb / 4P
   Single Pole OptoMOS Relays
More results

Description similaire - LAA126L

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
LAA125 IXYS-LAA125_12 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relays
PAA140 IXYS-PAA140 Datasheet
132Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relays
PAA191 IXYS-PAA191 Datasheet
122Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relays
PAA150 IXYS-PAA150 Datasheet
115Kb / 5P
   Dual Single-Pole, Normally Open OptoMOS Relays
PAA110 IXYS-PAA110 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relays
LAA126 IXYS-LAA126_12 Datasheet
123Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relays
LBA716 IXYS-LBA716_12 Datasheet
136Kb / 8P
   Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
PAA140L IXYS-PAA140L Datasheet
123Kb / 7P
   Dual Single-Pole, Normally Open, Current-Limiting OptoMOS Relays
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
XAA170 IXYS-XAA170 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com