Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAA100L Fiches technique(PDF) 4 Page - IXYS Corporation

No de pièce LAA100L
Description  Dual Single-Pole OptoMOS Relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA100L Fiches technique(HTML) 4 Page - IXYS Corporation

  LAA100L_12 Datasheet HTML 1Page - IXYS Corporation LAA100L_12 Datasheet HTML 2Page - IXYS Corporation LAA100L_12 Datasheet HTML 3Page - IXYS Corporation LAA100L_12 Datasheet HTML 4Page - IXYS Corporation LAA100L_12 Datasheet HTML 5Page - IXYS Corporation LAA100L_12 Datasheet HTML 6Page - IXYS Corporation LAA100L_12 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R02
LAA100L
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Typical On-Resistance vs. Temperature
(I
F=2mA, IL=120mADC)
Temperature (ºC)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
Typical Turn-On Time vs. Temperature
(I
L=120mADC)
Temperature (ºC)
I
F=10mA
I
F=20mA
-40
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
I
F=5mA
I
F=2mA
Typical Turn-Off Time vs. Temperature
(I
F=120mADC)
Temperature (ºC)
-40
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
I
F=5mA
I
F=2mA
Typical I
F for Switch Operation
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Typical I
F for Switch Dropout
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Maximum Load Current vs. Temperature
Temperature (ºC)
180
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
120
100
I
F=10mA
I
F=2mA
I
F=5mA
Typical Load Current vs. Load Voltage
(I
F=2mA)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-3
-2
-1
0
1
2
3
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
420
410
400
390
380
370
360
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured across Pins 4 & 6
Temperature (ºC)
-40
16
14
12
10
8
6
4
2
0
-20
0
20
40
60
80
100
Typical Current Limiting
vs. Temperature
(I
F=2mA)
Temperature (ºC)
-40
250
200
150
100
50
0
-20
0
20
40
60
80
100
350
300


Numéro de pièce similaire - LAA100L_12

FabricantNo de pièceFiches techniqueDescription
logo
Clare, Inc.
LAA100LS CLARE-LAA100LS Datasheet
130Kb / 5P
   DUAL POLE OptoMOS Relay
LAA100LSTR CLARE-LAA100LSTR Datasheet
130Kb / 5P
   DUAL POLE OptoMOS Relay
More results

Description similaire - LAA100L_12

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
LAA125L IXYS-LAA125L Datasheet
134Kb / 7P
   Dual Single Pole OptoMOS Relays
PAA110L IXYS-PAA110L Datasheet
132Kb / 7P
   Dual Single-Pole OptoMOS Relays
PAA132 IXYS-PAA132 Datasheet
131Kb / 7P
   Dual Single-Pole OptoMOS Relays
logo
Clare, Inc.
PAA191 CLARE-PAA191 Datasheet
253Kb / 6P
   Dual Single Pole OptoMOS Relays
logo
IXYS Corporation
LAA100 IXYS-LAA100_12 Datasheet
133Kb / 7P
   Dual Single-Pole OptoMOS Relays
logo
Clare, Inc.
PAA190 CLARE-PAA190 Datasheet
182Kb / 6P
   Dual Single Pole OptoMOS Relays
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
   Dual Pole OptoMOS Relays
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
   Dual Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
   Dual Pole OptoMOS Relays
logo
IXYS Corporation
PAA193 IXYS-PAA193 Datasheet
122Kb / 7P
   Dual Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com