Moteur de recherche de fiches techniques de composants électroniques |
|
ADR290GRU-REEL7 Fiches technique(PDF) 1 Page - Analog Devices |
|
ADR290GRU-REEL7 Fiches technique(HTML) 1 Page - Analog Devices |
1 / 15 page PIN CONFIGURATIONS 8-Lead Narrow Body SO (SO Suffix) 1 2 3 4 8 7 6 5 VOUT VIN GND NC NC NC NC NC ADR29x TOP VIEW (Not to Scale) NC = NO CONNECT 8-Lead TSSOP (RU Suffix) 1 2 3 4 8 7 6 5 VOUT VIN GND NC NC NC NC NC ADR29x TOP VIEW (Not to Scale) NC = NO CONNECT REV. B Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a Low Noise Micropower 2.048 V, 2.5 V, and 4.096 V Precision Voltage References ADR290/ADR291/ADR292 One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 © Analog Devices, Inc., 2001 FEATURES Supply Range 2.35 V to 15 V, ADR290 2.8 V to 15 V, ADR291 4.4 V to 15 V, ADR292 Supply Current 12 A Max Low-Noise 6 V, 8 V, 12 V p-p (0.1 Hz–10 Hz) High Output Current 5 mA Temperature Range 40 C to 125 C Pin Compatible with REF02/REF19x APPLICATIONS Portable Instrumentation Precision Reference for 3 V and 5 V Systems A/D and D/A Converter Reference Solar-Powered Applications Loop-Current-Powered Instruments GENERAL DESCRIPTION The ADR290, ADR291 and ADR292 are low noise, micro- power precision voltage references that use an XFET® reference circuit. The new XFET architecture offers significant perfor- mance improvements over traditional bandgap and Buried Zener-based references. Improvements include: one quarter the voltage noise output of bandgap references operating at the same current, very low and ultralinear temperature drift, low thermal hysteresis and excellent long-term stability. The ADR29x family are series voltage references providing stable and accurate output voltages from supplies as low as 2.35 V for the ADR290. Output voltage options are 2.048 V, 2.5 V, and 4.096 V for the ADR290, ADR291, and ADR292 respectively. Quiescent XFET is a registered trademark of Analog Devices, Inc. current is only 12 µA, making these devices ideal for battery- powered instrumentation. Three electrical grades are available offering initial output accuracies of ±2 mV, ±3 mV and ± 6 mV max for the ADR290 and ADR291, and ± 3 mV, ±4 mV and ±6 mV max for the ADR292. Temperature coefficients for the three grades are 8 ppm/ °C, 15 ppm/°C, and 25 ppm/°C max, respectively. Line regulation and load regulation are typically 30 ppm/V and 30 ppm/mA, maintaining the reference’s overall high performance. For a device with 5.0 V output, refer to the ADR293 data sheet. The ADR290, ADR291, and ADR292 references are specified over the extended industrial temperature range of –40 °C to +125 °C. Devices are available in the 8-lead SOIC and 8-lead TSSOP packages. ADR29x Product Output Voltage Initial Accuracy Temperature Coefficient Part Number (V) (%) (ppm/ C) Max ADR290 2.048 0.10, 0.15, 0.29 8, 15, 25 ADR291 2.500 0.08, 0.12, 0.24 8, 15, 25 ADR292 4.096 0.07, 0.10, 0.15 8, 15, 25 ADR293 5.000 (See ADR293 Data Sheet) |
Numéro de pièce similaire - ADR290GRU-REEL7 |
|
Description similaire - ADR290GRU-REEL7 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |