Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADR381ART-REEL Fiches technique(PDF) 2 Page - Analog Devices

No de pièce ADR381ART-REEL
Description  Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADR381ART-REEL Fiches technique(HTML) 2 Page - Analog Devices

  ADR381ART-REEL Datasheet HTML 1Page - Analog Devices ADR381ART-REEL Datasheet HTML 2Page - Analog Devices ADR381ART-REEL Datasheet HTML 3Page - Analog Devices ADR381ART-REEL Datasheet HTML 4Page - Analog Devices ADR381ART-REEL Datasheet HTML 5Page - Analog Devices ADR381ART-REEL Datasheet HTML 6Page - Analog Devices ADR381ART-REEL Datasheet HTML 7Page - Analog Devices ADR381ART-REEL Datasheet HTML 8Page - Analog Devices ADR381ART-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
ADR380/ADR381–SPECIFICATIONS
ADR380 ELECTRICAL CHARACTERISTICS (@ V
IN = 5.0 V, TA = 25 C unless otherwise noted.)
ADR380 ELECTRICAL CHARACTERISTICS (@ V
IN = 15.0 V, TA = 25 C unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VO
2.043 2.048
2.053
V
Initial Accuracy Error
VOERR
–5
+5
mV
–0.24
+0.24
%
Temperature Coefficient
TCVO
–40
°C < TA < +85°C5
25
ppm/
°C
0
°C < T
A< 70
°C3
21
ppm/
°C
Minimum Supply Voltage Headroom
VIN – VO
IL
≤ 3 mA
300
mV
Line Regulation
VO/DVIN
VIN = 2.5 V to 15 V
10
25
ppm/V
–40
°C < T
A < +85
°C
Load Regulation
VO/DILOAD
VIN = 3 V, ILOAD = 0 mA to 5 mA
70
ppm/mA
–40
°C < TA < +85°C
Quiescent Current
IIN
No Load
100
120
µA
–40
°C < T
A < +85
°C
140
µA
Voltage Noise
eN
0.1 Hz to 10 Hz
5
µV p-p
Turn-On Settling Time
tR
20
µs
Long-Term Stability
VO
1,000 Hrs
50
ppm
Output Voltage Hysteresis
VO_HYS
40
ppm
Ripple Rejection Ratio
RRR
fIN = 60 Hz
85
dB
Short Circuit to GND
ISC
25
mA
Specifications subject to change without notice.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VO
2.043 2.048
2.053
V
Initial Accuracy Error
VOERR
–5
+5
mV
–0.24
+0.24
%
Temperature Coefficient
TCVO
–40
°C < T
A < +85
°C5
25
ppm/
°C
0
°C < TA < 70°C3
21
ppm/
°C
Minimum Supply Voltage Headroom
VIN – VO
IL
≤ 3 mA
300
mV
Line Regulation
VO/DVIN
VIN = 2.5 V to 15 V
–40
°C < TA < +85°C1025
ppm/V
Load Regulation
VO/DILOAD
VIN = 3 V, ILOAD = 0 mA to 5 mA
–40
°C < T
A < +85
°C70
ppm/mA
Quiescent Current
IIN
No Load
100
120
µA
–40
°C < T
A < +85
°C
140
µA
Voltage Noise
eN
0.1 Hz to 10 Hz
5
µV p-p
Turn-On Settling Time
tR
20
µs
Long-Term Stability
VO
1,000 Hrs
50
ppm
Output Voltage Hysteresis
VO_HYS
40
ppm
Ripple Rejection Ratio
RRR
fIN = 60 Hz
85
dB
Short Circuit to GND
ISC
25
mA
Specifications subject to change without notice.


Numéro de pièce similaire - ADR381ART-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ARTZ-R2 AD-ADR381ARTZ-R2 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ARTZ-R2 AD-ADR381ARTZ-R2 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ARTZ-REEL7 AD-ADR381ARTZ-REEL7 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ARTZ-REEL7 AD-ADR381ARTZ-REEL7 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
More results

Description similaire - ADR381ART-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR370 AD-ADR370 Datasheet
182Kb / 12P
   Precision Low Power 2.048 V SOT-23 Voltage Reference
REV. A
ADR420 AD-ADR420 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR390 AD-ADR390 Datasheet
402Kb / 20P
   Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
Rev. F
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
ON Semiconductor
MC1404 ONSEMI-MC1404 Datasheet
105Kb / 8P
   PRECISION LOW DRIFT VOLTAGE REFERENCES
REV 2
logo
Intersil Corporation
X60003B-41 INTERSIL-X60003B-41_06 Datasheet
210Kb / 11P
   Precision 4.096V SOT-23 FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com