Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM202E Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADM202E
Description  EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM202E Fiches technique(HTML) 3 Page - Analog Devices

  ADM202E Datasheet HTML 1Page - Analog Devices ADM202E Datasheet HTML 2Page - Analog Devices ADM202E Datasheet HTML 3Page - Analog Devices ADM202E Datasheet HTML 4Page - Analog Devices ADM202E Datasheet HTML 5Page - Analog Devices ADM202E Datasheet HTML 6Page - Analog Devices ADM202E Datasheet HTML 7Page - Analog Devices ADM202E Datasheet HTML 8Page - Analog Devices ADM202E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADM202E/ADM1181A
–3–
REV. 0
PIN FUNCTION DESCRIPTION
Mnemonic
Function
VCC
Power Supply Input: +5 V
± 10%.
V+
Internally Generated Positive Supply
(+9 V nominal).
V–
Internally Generated Negative Supply
(–9 V nominal).
GND
Ground Pin. Must Be Connected to 0 V.
C1+, C1–
External Capacitor 1 is connected between
these pins. 0.1
µF capacitor is recommended
but larger capacitors up to 47
µF may be used.
C2+, C2–
External Capacitor 2 is connected between
these pins. 0.1
µF capacitor is recommended
but larger capacitors up to 47
µF may be used.
TIN
Transmitter (Driver) Inputs. These inputs ac-
cept TTL/CMOS levels.
TOUT
Transmitter (Driver) Outputs. These are RS-
232 signal levels (typically
±9 V).
RIN
Receiver Inputs. These inputs accept RS-232
signal levels. An Internal 5 k
Ω pull-down resis-
tor to GND is connected on each input.
ROUT
Receiver Outputs. These are CMOS output
logic levels.
C1+
C1–
C2+
C2–
VCC
0.1µF
10V
0.1µF
10V
V+
V–
+5V TO +10V
VOLTAGE
DOUBLER
3
1
2
+5V INPUT
C3
0.1µF
6.3V
4
5
+10V TO –10V
VOLTAGE
INVERTER
6
C4
0.1µF
10V
T1
14
11
T1OUT
T1IN
16
C5
0.1µF
7
10
T2OUT
T2IN
T2
12
13
8
9
R1
R2
ADM202E
R1OUT
R2OUT
R1IN
R2IN
CMOS
INPUTS
CMOS
OUTPUTS
EIA/TIA-232
OUTPUTS
EIA/TIA-232
INPUTS
*
15
NOTE
*INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
GND
ADM202E Typical Operating Circuit
C1+
C1–
C2+
C2–
VCC
0.1µF
10V
0.1µF
10V
V+
V–
+5V TO +10V
VOLTAGE
DOUBLER
3
1
2
+5V INPUT
C3
0.1µF
10V
4
5
+10V TO –10V
VOLTAGE
INVERTER
6
C4
0.1µF
10V
T1
14
11
T1OUT
T1IN
16
C5
0.1µF
10V
7
10
T2OUT
T2IN
T2
12
13
8
9
R1
R2
ADM1181A
R1OUT
R2OUT
R1IN
R2IN
CMOS
INPUTS
CMOS
OUTPUTS
EIA/TIA-232
OUTPUTS
EIA/TIA-232
INPUTS
*
15
NOTE
*INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
GND
ADM1181A Typical Operating Circuit
PIN CONNECTIONS
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
ADM202E
ADM1181A
NC = NO CONNECT
C1+
R1IN
T1OUT
GND
VCC
V+
C1–
C2+
T2IN
T1IN
R1OUT
C2–
V–
T2OUT
R2IN
R2OUT


Numéro de pièce similaire - ADM202E

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM202E AD-ADM202E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM202EAN AD-ADM202EAN Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM202EAN AD-ADM202EAN Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM202EANZ AD-ADM202EANZ Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM202EANZ AD-ADM202EANZ Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results

Description similaire - ADM202E

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM206E AD-ADM206E_06 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com