Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1029ARQ Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADM1029ARQ
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1029ARQ Fiches technique(HTML) 5 Page - Analog Devices

  ADM1029ARQ Datasheet HTML 1Page - Analog Devices ADM1029ARQ Datasheet HTML 2Page - Analog Devices ADM1029ARQ Datasheet HTML 3Page - Analog Devices ADM1029ARQ Datasheet HTML 4Page - Analog Devices ADM1029ARQ Datasheet HTML 5Page - Analog Devices ADM1029ARQ Datasheet HTML 6Page - Analog Devices ADM1029ARQ Datasheet HTML 7Page - Analog Devices ADM1029ARQ Datasheet HTML 8Page - Analog Devices ADM1029ARQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
REV. 0
–5–
Typical Performance Characteristics–ADM1029
15
10
5
0
–5
–10
–15
–20
0
3.3
10
30
100
LEAKAGE RESISTANCE – M
DXP TO GND
DXP TO VCC(3.3V)
TPC 1. Remote Temperature Error vs. PC Board Track
Resistance
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
0
1
4
8
12
16
20
50 100 200 300 400 500 600
FREQUENCY – MHz
VIN = 100mV p-p
VIN = 250mV p-p
TPC 2. Remote Temperature Error vs. Power Supply
Noise Frequency
10
9
8
7
6
5
4
3
2
1
0
–1
0
0.4 0.8 10
600
150
400
50
250
500
100
200
350
450
550
300
FREQUENCY – MHz
VIN = 40mV p-p
VIN = 60mV p-p
VIN = 100mV p-p
TPC 3. Remote Temperature Error vs. Common-Mode
Noise Frequency
110
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
90
100
110
MEASURED TEMPERATURE
TPC 4. Pentium® III Temperature Measurement vs.
ADM1029 Reading
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
–11
–12
–13
–14
–15
–16
1.0
2.2
3.3
4.7
10.0
22.0
47.0
DXP – DXN CAPACITANCE – nF
TPC 5. Remote Temperature Error vs. Capacitance
Between D+ and D–
80
70
60
50
40
30
20
10
0
0
1
5
10
25
50
75
100
250
500
750 1000
SCLK FREQUENCY – kHz
VCC = 5V
VCC = 3.3V
TPC 6. Standby Current vs. Clock Frequency
Pentium is a registered trademark of Intel Corporation.


Numéro de pièce similaire - ADM1029ARQ

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ADM1029ARQZ ONSEMI-ADM1029ARQZ Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1029ARQZ-R7 ONSEMI-ADM1029ARQZ-R7 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
More results

Description similaire - ADM1029ARQ

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
logo
Texas Instruments
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
Analog Devices
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
   Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
REV. PrA 10/2000
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639_07 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com