Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AON6973A Fiches technique(PDF) 10 Page - Alpha & Omega Semiconductors

No de pièce AON6973A
Description  30V Dual Asymmetric N-Channel AlphaMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AOSMD [Alpha & Omega Semiconductors]
Site Internet  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6973A Fiches technique(HTML) 10 Page - Alpha & Omega Semiconductors

Back Button AON6973A Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6973A Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6973A Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6973A Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6973A Datasheet HTML 6Page - Alpha & Omega Semiconductors AON6973A Datasheet HTML 7Page - Alpha & Omega Semiconductors AON6973A Datasheet HTML 8Page - Alpha & Omega Semiconductors AON6973A Datasheet HTML 9Page - Alpha & Omega Semiconductors AON6973A Datasheet HTML 10Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AON6973A
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
10V
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-
+
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Vgs
Vds
10%
90%
Resistive Switching Test Circuit & Waveforms
t
tr
d(on)
t
on
t
d(off)
t f
t
off
Id
+
L
Vds
BV
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Vds
DSS
2
E
= 1/2 LI
AR
AR
Vdd
Vgs
Vgs
Rg
DUT
-
+
VDC
Vgs
Id
Vgs
I
Ig
Vgs
-
+
VDC
DUT
L
Vgs
Vds
Isd
Isd
Diode Recovery Test Circuit & Waveforms
Vds -
Vds +
I F
AR
dI/dt
I RM
rr
Vdd
Vdd
Q
= - Idt
t
rr
Rev 0 : Nov. 2012
www.aosmd.com
Page 10 of 10


Numéro de pièce similaire - AON6973A

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AON6970 AOSMD-AON6970 Datasheet
540Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6971 AOSMD-AON6971 Datasheet
530Kb / 10P
   RoHS and Halogen-Free Compliant
AON6974 AOSMD-AON6974 Datasheet
653Kb / 10P
   RoHS and Halogen-Free Compliant
AON6974A AOSMD-AON6974A Datasheet
487Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6978 AOSMD-AON6978 Datasheet
105Kb / 3P
   Plastic Encapsulated Device
More results

Description similaire - AON6973A

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AON7934 AOSMD-AON7934 Datasheet
552Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6928 AOSMD-AON6928 Datasheet
606Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6938 AOSMD-AON6938 Datasheet
557Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6932A AOSMD-AON6932A Datasheet
566Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6970 AOSMD-AON6970 Datasheet
540Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6934A AOSMD-AON6934A Datasheet
583Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6936 AOSMD-AON6936 Datasheet
711Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6974A AOSMD-AON6974A Datasheet
487Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6816 AOSMD-AON6816 Datasheet
287Kb / 6P
   30V Dual N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com