Moteur de recherche de fiches techniques de composants électroniques |
|
ADDS-2111-EZ-LAB Fiches technique(PDF) 7 Page - Analog Devices |
|
ADDS-2111-EZ-LAB Fiches technique(HTML) 7 Page - Analog Devices |
7 / 16 page ADDS-21xx-TOOLS REV. B –7– Table II. ADSP-2100 Family EZ-LAB Evaluation Boards Features For Use with These DSPs ADSP-2101 ADSP-2111 ADSP-2171 ADSP-2181 ADSP-2105 ADSP-2115 ADSP-216x DSP Clock Frequency 12.5 MHz 13 MHz 33 MHz 33 MHz EZ-LAB Firmware Windowed Software with GUI Interface Context Sensitive Help Bundled Software Development Tools Stand-Alone Operation IBM-PC/AT Plug-In Board Operation On-Board DSP Performance 16 MIPS 16 MIPS 33 MIPS 33 MIPS Boot EPROM 64K × 8 64K × 8 64K × 8 64K × 8 DSP Internal RAM (Program) 2K × 24 2K × 24 2K × 24 16K × 24 DSP Internal RAM (Data) 1K × 16 1K × 16 2K × 16 16K × 16 On-Board RAM 32K × 24* Audio Input/Output Circuitry Configuration Jumpers LED Status Indicators Expandable to Full Program and Data Memory Capability Serial Port (SPORT) Connector Note 1 Note 2 Manual Interrupt/Flag/Reset Switches Host Interface Port (HIP) Connector MAFE Interface EZ-ICE Connector Expansion Connector NOTES * Optional 1Available as part of MAFE connector; connector not installed. 2Available through expansion connector. |
Numéro de pièce similaire - ADDS-2111-EZ-LAB |
|
Description similaire - ADDS-2111-EZ-LAB |