Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM25117 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM25117
Description  Wide Input Range Synchronous Buck Controller with Analog Current Monitor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM25117 Fiches technique(HTML) 5 Page - Texas Instruments

  LM25117 Datasheet HTML 1Page - Texas Instruments LM25117 Datasheet HTML 2Page - Texas Instruments LM25117 Datasheet HTML 3Page - Texas Instruments LM25117 Datasheet HTML 4Page - Texas Instruments LM25117 Datasheet HTML 5Page - Texas Instruments LM25117 Datasheet HTML 6Page - Texas Instruments LM25117 Datasheet HTML 7Page - Texas Instruments LM25117 Datasheet HTML 8Page - Texas Instruments LM25117 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
LM25117
LM25117-Q1
www.ti.com
SNVS714D – APRIL 2011 – REVISED APRIL 2012
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature range of -40°C to
+125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise specified, the
following conditions apply: VVIN = 24V, VVCCDIS = 0V, RT = 25kΩ, no load on LO & HO.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN Supply
IBIAS
VIN Operating Current (1)
VSS = 0V
4.8
6.2
mA
VSS = 0V, VVCCDIS = 2V
0.4
0.55
mA
ISHUTDOWN
VIN Shutdown Current
VSS = 0V, VUVLO = 0V
16
40
µA
VCC Regulator
VCC(REG)
VCC Regulation
No Load
6.85
7.6
8.2
V
VCC Dropout (VIN to VCC)
VVIN = 4.5V, No external load
0.05
0.14
V
VVIN = 5.0V, ICC = 20mA
0.4
0.5
V
VCC Sourcing Current Limit
VVCC = 0V
30
42
mA
IVCC
VCC Operating Current (1)
VSS = 0V, VVCCDIS = 2V
4.0
5.0
mA
VSS = 0V, VVCCDIS = 2V, VVCC = 14V
5.8
7.3
mA
VCC Under-voltage Threshold
VCC Rising
3.75
4.0
4.15
V
VCC Under-voltage Hysteresis
0.2
V
VCC Disable
VCCDIS Threshold
VCCDIS Rising
1.22
1.25
1.29
V
VCCDIS Hysteresis
0.06
V
VCCDIS Input Current
VVCCDIS = 0V
-20
nA
VCCDIS Pull-down Resistance
500
k
UVLO
UVLO Threshold
UVLO Rising
1.22
1.25
1.29
V
UVLO Hysteresis Current
VUVLO = 1.4V
15
20
25
µA
UVLO Shutdown Threshold
UVLO Falling
0.23
0.3
V
UVLO Shutdown Hysteresis
0.1
V
Soft Start
ISS
SS Current Source
VSS = 0V
7
10
12
µA
SS Pull-down Resistance
13
24
Error Amplifier
VREF
FB Reference Voltage
Measured at FB, FB = COMP
788
800
812
mV
FB Input Bias Current
VFB = 0.8V
1
nA
VOH
COMP Output High Voltage
ISOURCE = 3mA
2.8
V
VOL
COMP Output Low Voltage
ISINK = 3mA
0.26
V
AOL
DC Gain
80
dB
fBW
Unity Gain Bandwidth
3
MHz
PWM Comparator
tHO(OFF)
Forced HO Off-time
260
320
440
ns
tON(MIN)
Minimum HO On-time
VVIN = 42V
100
ns
COMP to PWM comparator offset
1.2
V
Oscillator
fSW1
Frequency 1
RT = 25kΩ
180
200
220
kHz
fSW2
Frequency 2
RT = 10kΩ
430
480
530
kHz
RT Output Voltage
1.25
V
RT Sync Positive Threshold
2.6
3.2
3.95
V
Sync Pulse Width
100
ns
(1)
Operating current does not include the current into the RT resistor.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25117 LM25117-Q1


Numéro de pièce similaire - LM25117

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM25117 TI1-LM25117 Datasheet
703Kb / 33P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
LM25117PMH TI1-LM25117PMH Datasheet
703Kb / 33P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
LM25117PMHE TI1-LM25117PMHE Datasheet
703Kb / 33P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
LM25117PMHX TI1-LM25117PMHX Datasheet
703Kb / 33P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
LM25117PSQ TI1-LM25117PSQ Datasheet
703Kb / 33P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
More results

Description similaire - LM25117

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM25117 TI1-LM25117 Datasheet
703Kb / 33P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
LM5117 TI1-LM5117 Datasheet
702Kb / 33P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
LM5117 TI-LM5117_15 Datasheet
1Mb / 43P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com