Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS51221EDR16G Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce CS51221EDR16G
Description  Enhanced Voltage Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51221EDR16G Fiches technique(HTML) 1 Page - ON Semiconductor

  CS51221EDR16G Datasheet HTML 1Page - ON Semiconductor CS51221EDR16G Datasheet HTML 2Page - ON Semiconductor CS51221EDR16G Datasheet HTML 3Page - ON Semiconductor CS51221EDR16G Datasheet HTML 4Page - ON Semiconductor CS51221EDR16G Datasheet HTML 5Page - ON Semiconductor CS51221EDR16G Datasheet HTML 6Page - ON Semiconductor CS51221EDR16G Datasheet HTML 7Page - ON Semiconductor CS51221EDR16G Datasheet HTML 8Page - ON Semiconductor CS51221EDR16G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 8
1
Publication Order Number:
CS51221/D
CS51221
Enhanced Voltage Mode
PWM Controller
The CS51221 fixed frequency feed forward voltage mode PWM
controller contains all of the features necessary for basic voltage mode
operation. This PWM controller has been optimized for high
frequency primary side control operation. In addition, this device
includes such features as: Soft−Start, accurate duty cycle limit control,
less than 50
mA startup current, over and undervoltage protection, and
bidirectional synchronization. The CS51221 is available in a 16 lead
SOIC narrow surface mount package.
Features
1.0 MHz Frequency Capability
Fixed Frequency Voltage Mode Operation, with Feed Forward
Thermal Shutdown
Undervoltage Lock−Out
Accurate Programmable Max Duty Cycle Limit
1.0 A Sink/Source Gate Drive
Programmable Pulse−By−Pulse Overcurrent Protection
Leading Edge Current Sense Blanking
75 ns Shutdown Propagation Delay
Programmable Soft−Start
Undervoltage Protection
Overvoltage Protection with Programmable Hysteresis
Bidirectional Synchronization
25 ns GATE Rise and Fall Time (1.0 nF Load)
3.3 V 3% Reference Voltage Output
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
VFB
ISET
1
16
COMP
RTCT
SS
OV
LGND
UV
VREF
FF
VCC
SYNC
PGND
ISENSE
VC
GATE
PIN CONNECTIONS AND
MARKING DIAGRAM
1
16
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
CS51221ED16
SOIC−16
48 Units / Rail
CS51221EDR16
SOIC−16 2500 Tape & Reel
CS51221EDR16G
SOIC−16
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
CS51221ED16G
SOIC−16
(Pb−Free)
48 Units / Rail
CS51221EDTB16G
TSSOP−16
(Pb−Free)
96 Units / Rail
CS51221EDTB16R2G TSSOP−16
(Pb−Free)
SOIC−16
D SUFFIX
CASE 751B
1
16
TSSOP−16
DTB SUFFIX
CASE 948F
CS51221= Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
1
16
2500 Tape & Reel


Numéro de pièce similaire - CS51221EDR16G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS51221EDR16G ONSEMI-CS51221EDR16G Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221EDR16G ONSEMI-CS51221EDR16G Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
More results

Description similaire - CS51221EDR16G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
130Kb / 11P
   Enhanced Current Mode PWM Controller
February, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
   Voltage Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com