Moteur de recherche de fiches techniques de composants électroniques |
|
AD9561JR Fiches technique(PDF) 2 Page - Analog Devices |
|
AD9561JR Fiches technique(HTML) 2 Page - Analog Devices |
2 / 8 page –2– REV. 0 AD9561–SPECIFICATIONS (+V S = +5 V; RSET = 715 , CLOCK = 20 MHz unless otherwise noted) AD9561JR Parameter Temp Min Typ Max Units RESOLUTION 8 Bits ACCURACY (@ 20 MHz) Differential Nonlinearity +25 °C ±0.5 ±2 LSB Integral Linearity 1 +25 °C ±1.5 ±4 LSB Odd/Even Pulse Mismatch 2 +25 °C ±0.75 LSB DIGITAL INPUTS Logic “1” Voltage Full 2.0 V Logic “0” Voltage Full 0.8 V Input Current Full ±1 µA Input Capacitance +25 °C 5pF Data Setup Time Full 2.0 0.3 ns Data Hold Time Full 2.0 0.3 ns Minimum Clock Pulse Width (HIGH) Full 6 ns DYNAMIC PERFORMANCE Maximum Trigger Rate Full 60 MHz Minimum Propagation Delay (tPD) 3 +25 °C 122028ns Minimum Propagation Delay TC Full 60 ps/ °C Output Pulse Width @ Code 254 Full 5 ns Output Pulse Width @ Code 255 Full 100 % Clock Output Rise Time 5, 6 Full 1.8 3 ns Output Fall Time5, 6 Full 1.8 3 ns RETRACE Propagation Delay Full 6 ns PWM OUTPUT Logic “1” Voltage 5, 6 Full 4.6 V Logic “0” Voltage 5, 6 Full 0.4 V CAL OUT Logic “1” Voltage Full 4.6 V Logic “0” Voltage Full 0.4 V POWER SUPPLY7 Positive Supply Current (+5.0 V) Full 140 170 mA Power Dissipation Full 700 850 mW Power Reduce Current Full 70 85 mA Power Reduce Dissipation Full 350 425 mW Power Supply Rejection Ratio Propagation Delay Sensitivity (TEM)8 +25 °C 1.5 ns/V NOTES 1Best Fit between codes 25 and 230. INL is very layout sensitive. 2Due to linearity mismatch in dual ramps. 3Measured from rising edge of clock to transition of Codes 0 to 255. 4Minimum pulse width (at 20 MHz) limited by rise time. Pulse width for Code 25 will be greater when CLOCK < 20 MHz. 5Output load = 10 pF and 2 mA source/sink. 6Load conditions to test output drive capability. Linearity will degrade with either capacitive or current loading. Best linearity obtained driving a single CMOS input. 7All performance specifications valid when supply maintained at +5 V, ± 5%. 8Tested from +4.75 V to +5.25 V. Specification subject to change without notice. |
Numéro de pièce similaire - AD9561JR |
|
Description similaire - AD9561JR |