Moteur de recherche de fiches techniques de composants électroniques |
|
1N4942GP Fiches technique(PDF) 1 Page - Micro Commercial Components |
|
1N4942GP Fiches technique(HTML) 1 Page - Micro Commercial Components |
1 / 4 page 1N4942GP THRU 1N4948GP 1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts DO-41 Features • Low Leakage Current and Fast Switching • Glass Passivated Junction DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A .166 .205 4.10 5.20 B .080 .107 2.00 2.70 C .028 .034 .70 .90 D 1.000 --- 25.40 --- Maximum Ratings • Operating Temperature: -55 °C to +150°C • Storage Temperature: -55 °C to +150°C • Maximum Thermal Resistance; 50 °C/W Junction To Ambient Microsemi Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage 1N4942GP 200V 140V 200V 1N4944GP 400V 280V 400V 1N4946GP 600V 420V 600V 1N4947GP 800V 560V 800V 1N4948GP 1000V 700V 1000V Electrical Characteristics @ 25°C Unless Otherwise Specified Average Forward Current IF(AV) 1.0A TA =55 °C Peak Forward Surge Current IFSM 25A 8.3ms, half sine Maximum Instantaneous Forward Voltage VF 1.3V IFM = 1.0A; TA = 25 °C* Maximum DC Reverse Current At Rated DC Blocking Voltage IR 5.0 µA 200 µA TJ = 25 °C TJ = 150 °C Maximum Reverse Recovery Time 1N4942-4944 1N4946-4947 1N4948 Trr 150ns 250ns 500ns IF=0.5A, IR=1.0A, Irr=0.25A Typical Junction Capacitance CJ 15pF Measured at 1.0MHz, VR=4.0V *Pulse test: Pulse width 300 µsec, Duty cycle 2% A B C D D Cathode Mark omponents 20736 Marilla Street Chatsworth !"# $% !"# MCC Revision: B 2013/01/01 TM Micro Commercial Components 1N4942GP 1N4944GP 1N4946GP 1N4947GP 1N4948GP www.mccsemi.com 1 of 4 • Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates Compliant. See ordering information) Note: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7. • Epoxy meets UL 94 V-0 flammability rating • Moisture Sensitivity Level 1 • Halogen free available upon request by adding suffix "-HF" |
Numéro de pièce similaire - 1N4942GP_13 |
|
Description similaire - 1N4942GP_13 |