Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8612ARU Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8612ARU
Description  Ultrafast 4 ns Single Supply Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8612ARU Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8612ARU Datasheet HTML 2Page - Analog Devices AD8612ARU Datasheet HTML 3Page - Analog Devices AD8612ARU Datasheet HTML 4Page - Analog Devices AD8612ARU Datasheet HTML 5Page - Analog Devices AD8612ARU Datasheet HTML 6Page - Analog Devices AD8612ARU Datasheet HTML 7Page - Analog Devices AD8612ARU Datasheet HTML 8Page - Analog Devices AD8612ARU Datasheet HTML 9Page - Analog Devices AD8612ARU Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8611/AD8612
–6–
REV. 0
TEMPERATURE – C
0
0.5
4.5
50
100
0
50
VS = 3V
3.0
3.5
4.0
1.5
2.0
1.0
VS = 5V
2.5
Figure 13. IGND vs. Temperature
TEMPERATURE – C
0
3.0
60
100
40
20
020
40
60
80
0.5
1.0
1.5
2.0
2.5
VS = 3V
VS = 5V
Figure 14. ISY– vs. Temperature
TIME – 2ns/DIV
0V
VOUT
VIN
VIN TRACE – 10mV/DIV
VOUT TRACE – 1V/DIV
V+ = 5V
TA = 25 C
Figure 15. Rising Edge Response
TIME – 2ns/DIV
0V
VIN TRACE – 10mV/DIV
VOUT TRACE – 1V/DIV
V+ = 5V
TA = 25 C
VIN
VOUT
Figure 16. Falling Edge Response
TIME – 4ns/DIV
0V
VIN TRACE – 10mV/DIV
VOUT TRACE – 1V/DIV
V+ = 5V
TA = 25 C
VIN
VOUT
Figure 17. Response to a 50 MHz 100 mV Input Sine Wave


Numéro de pièce similaire - AD8612ARU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8612ARU AD-AD8612ARU Datasheet
413Kb / 20P
   Ultrafast, 4 ns Single-Supply Comparators
REV. A
AD8612ARU-REEL AD-AD8612ARU-REEL Datasheet
413Kb / 20P
   Ultrafast, 4 ns Single-Supply Comparators
REV. A
AD8612ARUZ AD-AD8612ARUZ Datasheet
413Kb / 20P
   Ultrafast, 4 ns Single-Supply Comparators
REV. A
AD8612ARUZ AD-AD8612ARUZ Datasheet
316Kb / 20P
   Single-Supply Comparators
AD8612ARUZ-REEL AD-AD8612ARUZ-REEL Datasheet
413Kb / 20P
   Ultrafast, 4 ns Single-Supply Comparators
REV. A
More results

Description similaire - AD8612ARU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8611 AD-AD8611_06 Datasheet
413Kb / 20P
   Ultrafast, 4 ns Single-Supply Comparators
REV. A
AD8561AR-REEL AD-AD8561AR-REEL Datasheet
650Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561 AD-AD8561_15 Datasheet
662Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
Rev. B
AD8561 AD-AD8561_13 Datasheet
650Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561 AD-AD8561 Datasheet
105Kb / 11P
   Ultrafast 7 ns Single Supply Comparator
REV. 0
ADCMP573 AD-ADCMP573 Datasheet
412Kb / 16P
   Ultrafast 3.3 V Single-Supply Comparators
Rev. PrB
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
   Single-Supply Comparators
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
   Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com