Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD8424H_F085A Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FDD8424H_F085A
Description  Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40V, 20A, 24m廓 P-Channel: -40V, -20A, 54m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8424H_F085A Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button FDD8424H_F085A_13 Datasheet HTML 2Page - Fairchild Semiconductor FDD8424H_F085A_13 Datasheet HTML 3Page - Fairchild Semiconductor FDD8424H_F085A_13 Datasheet HTML 4Page - Fairchild Semiconductor FDD8424H_F085A_13 Datasheet HTML 5Page - Fairchild Semiconductor FDD8424H_F085A_13 Datasheet HTML 6Page - Fairchild Semiconductor FDD8424H_F085A_13 Datasheet HTML 7Page - Fairchild Semiconductor FDD8424H_F085A_13 Datasheet HTML 8Page - Fairchild Semiconductor FDD8424H_F085A_13 Datasheet HTML 9Page - Fairchild Semiconductor FDD8424H_F085A_13 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Figure 13. Transient Thermal Response Curve
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
0.01
0.1
1
0.005
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (s)
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
RθJC = 4.1oC/W
2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
Typical Characteristics (Q1 N-Channel)TJ = 25°C unless otherwise noted
©2013 Fairchild Semiconductor Corporation
FDD8424H_F085A Rev.C1
www.fairchildsemi.com


Numéro de pièce similaire - FDD8424H_F085A_13

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD8424H FAIRCHILD-FDD8424H_11 Datasheet
856Kb / 11P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40V, 20A, 24m廓 P-Channel: -40V, -20A, 54m廓
More results

Description similaire - FDD8424H_F085A_13

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD8424H FAIRCHILD-FDD8424H_11 Datasheet
856Kb / 11P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40V, 20A, 24m廓 P-Channel: -40V, -20A, 54m廓
FDMC8462 FAIRCHILD-FDMC8462 Datasheet
289Kb / 7P
   N-Channel Power Trench짰 MOSFET 40V, 20A, 5.8m廓
FDD3672 FAIRCHILD-FDD3672_08 Datasheet
431Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
logo
ON Semiconductor
FDD4141-F085 ONSEMI-FDD4141-F085 Datasheet
328Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
November-2018, Rev.4
logo
Fairchild Semiconductor
FDD4685 FAIRCHILD-FDD4685_08 Datasheet
432Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -32A, 35m廓
FDD4243 FAIRCHILD-FDD4243_10 Datasheet
431Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
FDS4141 FAIRCHILD-FDS4141 Datasheet
217Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -10.8A, 13.0m廓
FDS4141_F085 FAIRCHILD-FDS4141_F085 Datasheet
257Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -10.8A, 19.0m廓
FDD4141 FAIRCHILD-FDD4141_10 Datasheet
272Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
logo
ON Semiconductor
FDD4243-F085 ONSEMI-FDD4243-F085 Datasheet
427Kb / 8P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com