Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN54010UCX Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FAN54010UCX
Description  FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54010UCX Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FAN54010UCX Datasheet HTML 1Page - Fairchild Semiconductor FAN54010UCX Datasheet HTML 2Page - Fairchild Semiconductor FAN54010UCX Datasheet HTML 3Page - Fairchild Semiconductor FAN54010UCX Datasheet HTML 4Page - Fairchild Semiconductor FAN54010UCX Datasheet HTML 5Page - Fairchild Semiconductor FAN54010UCX Datasheet HTML 6Page - Fairchild Semiconductor FAN54010UCX Datasheet HTML 7Page - Fairchild Semiconductor FAN54010UCX Datasheet HTML 8Page - Fairchild Semiconductor FAN54010UCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5401X Family • Rev. 1.0.4
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above
the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended
exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum
ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VBUS
VBUS Voltage
Continuous
–1.4
20.0
V
Pulsed, 100 ms Maximum Non-Repetitive
–2.0
VSTAT
STAT Voltage
–0.3
16.0
V
VI
PMID Voltage
7.0
V
SW, CSIN, VBAT, AUXPWR, DISABLE Voltage
–0.3
7.0
VO
Voltage on Other Pins
–0.3
6.5
(4)
V
dt
dVBUS
Maximum VBUS Slope above 5.5 V when Boost or Charger are Active
4
V/
s
ESD
Electrostatic Discharge
Protection Level
Human Body Model per JESD22-A114
2000
V
Charged Device Model per JESD22-C101
500
TJ
Junction Temperature
–40
+150
°C
TSTG
Storage Temperature
–65
+150
°C
TL
Lead Soldering Temperature, 10 Seconds
+260
°C
Note:
4.
Lesser of 6.5 V or VI + 0.3 V.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend
exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Min.
Max.
Unit
VBUS
Supply Voltage
4
6
V
VBAT(MAX) Maximum Battery Voltage when Boost enabled
4.5
V
dt
dVBUS
Negative VBUS Slew Rate during VBUS Short Circuit,
CMID < 4.7 µF (see VBUS Short While Charging)
TA < 60°C
4
V/
s
TA > 60°C
2
TA
Ambient Temperature
–30
+85
°C
TJ
Junction Temperature (see Thermal Regulation and Protection section)
–30
+120
°C
Thermal Properties
Junction-to-ambient thermal resistance is a function of application and board layout. This data is measured with four-layer
2s2p boards in accordance to JEDEC standard JESD51. Special attention must be paid not to exceed junction temperature
TJ(max) at a given ambient temperature TA. For measured data, see Table 11.
Symbol Parameter
Typical
Unit
JA
Junction-to-Ambient Thermal Resistance
60
°C/W
JB
Junction-to-PCB Thermal Resistance
20
°C/W


Numéro de pièce similaire - FAN54010UCX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN54010UCX FAIRCHILD-FAN54010UCX Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com