Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8367ARU-REEL Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD8367ARU-REEL
Description  500 MHz, Linear-in-dB VGA with AGC Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8367ARU-REEL Fiches technique(HTML) 4 Page - Analog Devices

  AD8367ARU-REEL Datasheet HTML 1Page - Analog Devices AD8367ARU-REEL Datasheet HTML 2Page - Analog Devices AD8367ARU-REEL Datasheet HTML 3Page - Analog Devices AD8367ARU-REEL Datasheet HTML 4Page - Analog Devices AD8367ARU-REEL Datasheet HTML 5Page - Analog Devices AD8367ARU-REEL Datasheet HTML 6Page - Analog Devices AD8367ARU-REEL Datasheet HTML 7Page - Analog Devices AD8367ARU-REEL Datasheet HTML 8Page - Analog Devices AD8367ARU-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. 0
AD8367
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8367 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage VPSO, VPSI . . . . . . . . . . . . . . . . . . . . . 5.5 V
ENBL Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VS + 200 mV
MODE Select Voltage . . . . . . . . . . . . . . . . . . . . VS + 200 mV
VGAIN Control Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±600 mV
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . 250 mW
θJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . 125
°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8367ARU
–40
°C to +85°C
Tube, 14-Lead
RU-14
AD8367ARU-REEL-7
–40
°C to +85°C
7" Tape and Reel
AD8367-EVAL
–40
°C to +85°C
Evaluation Board
AD8367ARU-REEL
–40
°C to +85°C
13" Tape and Reel
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
ENBL
INPT
MODE
GAIN
DETO
ICOM
ICOM
HPFL
VPSI
VPSO
VOUT
DECL
OCOM
ICOM
AD8367
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Description
1, 7, 14 ICOM
Signal Common. Connect to low
impedance ground.
2
ENBL
A HI activates the device.
3
INPT
Signal Input. 200
Ω to ground.
4
MODE
Gain Direction Control. HI for Positive
Slope; LO for Negative Slope.
5
GAIN
Gain-Control Voltage Input
6
DETO
Detector Output. Provides output cur-
rent for RSSI function and AGC control.
8
OCOM
Power Common. Connect to low
impedance ground.
9
DECL
Decoupling Pin. Can Be Used to
Modify the Output Reference Level.
10
VOUT
Signal Output. Generally will be
ac-coupled.
11
VPSO
Positive Supply Voltage. 2.7 V to 5.5 V.
VPSI and VPSO are tied together inter-
nally with back-to-back PN junctions.
They should be tied together externally
and properly bypassed.
12
VPSI
Positive Supply Voltage. 2.7 V to 5.5 V.
13
HPFL
High-Pass Filter Connection. A capaci-
tor to ground sets the corner frequency
of the output offset control loop.


Numéro de pièce similaire - AD8367ARU-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8367ARU-REEL-7 AD-AD8367ARU-REEL-7 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
More results

Description similaire - AD8367ARU-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8367 AD-AD8367_05 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367 AD-AD8367_15 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8368 AD-AD8368_15 Datasheet
859Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. B
AD8368 AD-AD8368 Datasheet
471Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8368 AD-AD8368_07 Datasheet
511Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8386 AD-AD8386_17 Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
ADL6337 AD-ADL6337 Datasheet
1Mb / 41P
   35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
ADL6012 AD-ADL6012 Datasheet
268Kb / 7P
   500 MHz BW Envelope Detector
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
   100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
   100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16