Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8346ARU Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD8346ARU
Description  0.8 GHz-2.5 GHz Quadrature Modulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8346ARU Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD8346ARU Datasheet HTML 4Page - Analog Devices AD8346ARU Datasheet HTML 5Page - Analog Devices AD8346ARU Datasheet HTML 6Page - Analog Devices AD8346ARU Datasheet HTML 7Page - Analog Devices AD8346ARU Datasheet HTML 8Page - Analog Devices AD8346ARU Datasheet HTML 9Page - Analog Devices AD8346ARU Datasheet HTML 10Page - Analog Devices AD8346ARU Datasheet HTML 11Page - Analog Devices AD8346ARU Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. 0
AD8346
–9–
AC Coupled Interface
An ac coupled interface can also be implemented. This is shown
in Figure 24. This has the advantage that there is almost no
voltage loss due to the biasing network, allowing the AD8346
inputs to be driven by the full 2 V p-p differential signal from the
AD9761 (each of the DAC’s four outputs delivering 1 V p-p).
As in the dc coupled case, the bias levels on the I and Q inputs
should be set to as precise a level as possible, relative to each
other. This prevents the introduction of additional input offset
voltages. In the example shown, the bias level on each input is
set to approximately 1.2 V. The 2.43 k
Ω resistors should have a
ratio tolerance of 0.1% or better.
"I"
DAC
2
LATCH
"I"
IOUTB
IOUTA
"Q"
DAC
2
LATCH
"Q"
QOUTB
QOUTA
MUX
CONTROL
SELECT
WRITE
CLOCK
AD9761
DVDD
DCOM
AVDD
0.1 F
RSET
2k
SLEEP
FS ADJ
REFIO
DAC
DATA
INPUTS
CFILTER
100
100
CFILTER
100
100
500
500
500
500
500
500
500
500
0.1 F
634
+5V
PHASE
SPLITTER
VOUT
IBBP
IBBN
QBBP
QBBN
AD8346
LOIP
LOIN
VPS1
VPS2
0.5V p-p EACH PIN
WITH VCM = 1.2V
+5V
Figure 23. AD8346 Interface to AD9761 TxDAC
2
LATCH
"I"
IOUTB
IOUTA
2
LATCH
"Q"
QOUTB
QOUTA
MUX
CONTROL
SELECT
WRITE
CLOCK
AD9761
DVDD
DCOM
AVDD
0.1 F
RSET
2k
SLEEP
FS ADJ
REFIO
DAC
DATA
INPUTS
CFILTER
100
100
CFILTER
100
100
0.1 F
1k
+5V
PHASE
SPLITTER
VOUT
IBBP
IBBN
QBBP
QBBN
AD8346
LOIP
LOIN
VPS1
VPS2
1V p-p EACH PIN
WITH VCM = 1.2V
+5V
0.01 F
0.01 F
0.01 F
0.01 F
"I"
DAC
2.43k
2.43k
2.43k
2.43k
2.43k
2.43k
2.43k
2.43k
"Q"
DAC
Figure 24. AC-Coupled DAC Interface
The network shown has a high-pass corner frequency of
approximately 14.3 kHz (note that the 12 k
Ω input imped-
ance of the AD8346 has been factored into this calcula-
tion). Increasing the resistors in the network or increasing
the coupling capacitance will reduce the corner frequency
further.
Note that the LO suppression can be manually optimized
by replacing a portion of the four “top” 2.43 k
Ω resistors
with potentiometers. In this case, the “bottom” four resis-
tors in the biasing network would no longer need to be
precision devices.


Numéro de pièce similaire - AD8346ARU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8346ARU AD-AD8346ARU Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346ARU AD-AD8346ARU Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346ARU-REEL AD-AD8346ARU-REEL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346ARU-REEL AD-AD8346ARU-REEL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346ARU-REEL7 AD-AD8346ARU-REEL7 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
More results

Description similaire - AD8346ARU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346ARUZ AD-AD8346ARUZ Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Agere Systems
W3011 AGERE-W3011 Datasheet
199Kb / 12P
   1 GHz Quadrature Modulator
logo
NEC
UPC8110GR-E1 NEC-UPC8110GR-E1 Datasheet
42Kb / 4P
   1 GHz QUADRATURE MODULATOR
UPC8110GR NEC-UPC8110GR_00 Datasheet
75Kb / 6P
   1 GHz QUADRATURE MODULATOR
logo
Texas Instruments
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com