Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8343 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8343
Description  DC-to-2.5 GHz High IP3 Active Mixer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8343 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8343 Datasheet HTML 7Page - Analog Devices AD8343 Datasheet HTML 8Page - Analog Devices AD8343 Datasheet HTML 9Page - Analog Devices AD8343 Datasheet HTML 10Page - Analog Devices AD8343 Datasheet HTML 11Page - Analog Devices AD8343 Datasheet HTML 12Page - Analog Devices AD8343 Datasheet HTML 13Page - Analog Devices AD8343 Datasheet HTML 14Page - Analog Devices AD8343 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
REV. 0
AD8343
–11–
TRANSMIT CHARACTERISTICS (fIN = 150 MHz, fOUT = 1900 MHz, fLO = 1750 MHz [Figure 24, Tables III and IV])
CONVERSION GAIN – dB
0
–1.0 –0.8
40
35
30
25
20
15
10
5
MEAN: 0.25dB
–0.6 –0.4 –0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TPC 37. Gain Histogram fIN = 150 MHz, fOUT = 1900 MHz
INPUT IP3 – dBm
45
0
10.5
40
35
30
25
20
15
10
5
MEAN: 13.4dBm
50
11.0 11.5 12.0 12.5 13.0 13.5 14.0 14.5 15.0 15.5 16.0 16.5 17.0
TPC 38. Input IP3 Histogram fIN = 150 MHz,
fOUT = 1900 MHz
INPUT 1dB COMPRESSION POINT – dBm
45
0
–1
–0.5
40
35
30
25
20
15
10
5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
MEAN: 0.79dBm
TPC 39. Input 1 dB Compression Point Histogram
fIN = 150 MHz, fOUT = 1900 MHz
TEMPERATURE – C
5
–2
–40
3
2
1
0
–1
0
2040
6080
–20
4
TPC 40. Gain Performance Over Temperature
fIN = 150 MHz, fOUT = 1900 MHz
TEMPERATURE – C
18
9
–40
17
16
15
14
13
0
2040
6080
–20
12
11
10
TPC 41. Input IP3 Performance Over Temperature
fIN = 150 MHz, fOUT = 1900 MHz
TEMPERATURE – C
2.0
–1.0
–40
1.5
1.0
0.5
0
–0.5
0
20
406080
–20
TPC 42. Input 1 dB Compression Point Performance Over
Temperature fIN = 150 MHz, fOUT = 1900 MHz


Numéro de pièce similaire - AD8343

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8343ARUZ AD-AD8343ARUZ Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
AD8343 AD-AD8343_15 Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
More results

Description similaire - AD8343

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8343 AD-AD8343_15 Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
AD8343ARUZ AD-AD8343ARUZ Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
ADL5801 AD-ADL5801 Datasheet
402Kb / 20P
   High IP3, 10 MHz to 6 GHz, Active Mixer
REV. A
ADL5802 AD-ADL5802_09 Datasheet
790Kb / 32P
   Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
logo
Qorvo, Inc
CMD253C3 QORVO-CMD253C3 Datasheet
243Kb / 11P
   6-14 GHz High IP3 Fundamental Mixer
logo
Custom MMIC Design Serv...
CMD253C3 MMIC-CMD253C3 Datasheet
243Kb / 11P
   6-14 GHz High IP3 Fundamental Mixer
logo
Qorvo, Inc
CMD254C3 QORVO-CMD254C3 Datasheet
247Kb / 11P
   11-21 GHz High IP3 Fundamental Mixer
logo
Analog Devices
ADL5802 AD-ADL5802 Datasheet
376Kb / 8P
   Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
logo
Custom MMIC Design Serv...
CMD255C3 MMIC-CMD255C3 Datasheet
245Kb / 11P
   16-26 GHz High IP3 Fundamental Mixer
logo
Qorvo, Inc
CMD255C3 QORVO-CMD255C3 Datasheet
245Kb / 11P
   16-26 GHz High IP3 Fundamental Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com