Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX20741 Fiches technique(PDF) 1 Page - Synaptics Incorporated.

No de pièce CX20741
Description  Dedicated Line Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CONEXANT [Synaptics Incorporated.]
Site Internet  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20741 Fiches technique(HTML) 1 Page - Synaptics Incorporated.

  CX20741 Datasheet HTML 1Page - Synaptics Incorporated. CX20741 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CX20741/45 I2S Audio Codec with 2W Class-D,
Capless HP, and Digital Microphone
Features
2 pairs of independent DACs and 3
pairs of independent ADCs
Sampling rates include 16-bit, 44.1
kHz to 24-bit, 192 kHz for DACs, and
from 16-bit, 44.1 kHz to 24-bit; 96 kHz
for ADCs.
Integrated 2 WRMS (per channel)
class-D stereo speaker amplifier
Capless headphone eliminates BOM
Dedicated Line Output
Multiple input/output retaskable ports
Stereo Digital Microphone interface
Integrated boost for all microphones
Two independent SPDIF outputs
Integrated regulators maximize
performance
Microphone Security Control
Integrated headphone limiter (GS
Mark)
D-Flex Power Management
Wake on PC BEEP
PopShield eliminates pops and clicks
Fidelity exceeds Microsoft WHCK
requirements
Jack sense detects up to 8 jacks
Digital Mixer
Compliant with all Intel High Definition
Audio Specifications
Selectable 1.5V/3.3 V link signaling
Available in 48-/56-QFN and in 48-/
64-QFP packages
Software
Linux
Android 3.x/4.x
DSP Plug-ins
Voice input processing
Applications
Tablets
Portable Media Players
Smartphones
Digital Docking Stations
Part Number CX20741/45
Description I2S Audio Codec
Overview
The CX20741/45 are I2S audio codecs with integrated stereo Class-D speaker
amplifiers, capless headphone amplifiers and provides 98 dB dynamic range. The
CX20745 supports the Industrial temperature range while the CX20741 supports the
Commercial temperature range.
The integrated filter-less Class-D stereo amplifier with Spread Spectrum EMI dispersion
technology is capable of driving up to 2W RMS per channel into 4
Ω speakers. Built-in,
fully configurable hardware EQ and Dynamic Range Compression improve frequency
response, maximize output volume, and get maximum audio performance from
integrated speakers while remaining independent of driver and OS.
A stereo pair of capless headphone drivers includes integrated short circuit protection
and auto-recovery. These high performance headphone drivers save cost by eliminating
external headphone amplifiers and DC blocking capacitors. The capless architecture
outputs a full-range frequency response of 98 dB or better. Both Apple and Nokia style
headsets are supported as well inline command sensing for headset button controls.
One single-ended analog line output can be used to drive powered speakers or external
devices. One stereo differential Microphone/Line In port is available and it is re-taskable
to single-ended. Programmable microphone boost and bias is provided. Local analog
loopbacks with EQ/DR from Line or Microphone inputs to the outputs can be configured.
A digital microphone interface allows interfacing to two digital microphones. That
interface includes a hardware DC-level filter that eliminates problems caused by digital
microphones with DC offset with programmable clock outputs. Hardware Automatic Gain
Control (AGC) is available for all microphone paths to normalize the capture levels in real
time. The digital I/Os, I2C and I2S interfaces support a wide range of and all run at 3.3V.
The Hardware Digital Volume Control supports up-down buttons as well as an infinity
volume control knob commonly found in high-end AV equipment.
Two integrated Low Dropout Regulators (LDOs) generate the internal clean power rails
needed for analog and digital. All output ports feature PopShield circuitry that eliminates
pops and clicks. Jack sensing is available that can detect up to four jacks with
programmable switch de-bounce times.
.
Block Diagram


Numéro de pièce similaire - CX20741

FabricantNo de pièceFiches techniqueDescription
logo
Pulse A Technitrol Comp...
CX2074 PULSE-CX2074 Datasheet
55Kb / 2P
   RF TRANSFORMER For Wideband RF Applications
CX2074 PULSE-CX2074 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
logo
Synaptics Incorporated.
CX20745 CONEXANT-CX20745 Datasheet
612Kb / 2P
   Control Interface: I2C slave only
logo
Pulse A Technitrol Comp...
CX2074NL PULSE-CX2074NL Datasheet
108Kb / 1P
   RF TRANSFORMER, 1 4 CT
More results

Description similaire - CX20741

FabricantNo de pièceFiches techniqueDescription
logo
SHENZHEN FUMAN ELECTRON...
P6AR FUMAN-P6AR Datasheet
403Kb / 4P
   Apple no wheat headset line dedicated IC
P6A FUMAN-P6A Datasheet
96Kb / 4P
   Apple no wheat headset line dedicated IC
logo
Littelfuse
KSPD LITTELFUSE-KSPD Datasheet
520Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-062116
KSDR LITTELFUSE-KSDR Datasheet
533Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-061016
RS1A11 LITTELFUSE-RS1A11 Datasheet
460Kb / 2P
   Dedicated - Recycle
Rev: 1-A-061016
ERD3425A LITTELFUSE-ERD3425A Datasheet
498Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-061016
ESDR LITTELFUSE-ESDR Datasheet
541Kb / 3P
   Dedicated - Recycle
2016 Rev: 1-A-061016
KRD3 LITTELFUSE-KRD3 Datasheet
587Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-061016
KRDI LITTELFUSE-KRDI Datasheet
643Kb / 2P
   Dedicated - Interval
2018 Rev: 1-A-101018
logo
SHENZHEN FUMAN ELECTRON...
TC1903A FUMAN-TC1903A Datasheet
319Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com