Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD829AR-REEL7 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD829AR-REEL7
Description  High-Speed, Low-Noise Video Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD829AR-REEL7 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD829AR-REEL7 Datasheet HTML 4Page - Analog Devices AD829AR-REEL7 Datasheet HTML 5Page - Analog Devices AD829AR-REEL7 Datasheet HTML 6Page - Analog Devices AD829AR-REEL7 Datasheet HTML 7Page - Analog Devices AD829AR-REEL7 Datasheet HTML 8Page - Analog Devices AD829AR-REEL7 Datasheet HTML 9Page - Analog Devices AD829AR-REEL7 Datasheet HTML 10Page - Analog Devices AD829AR-REEL7 Datasheet HTML 11Page - Analog Devices AD829AR-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD829
REV. E
–10–
Figure 30. Large Signal Pulse Response of Inverting
Amplifier Using Current Feedback Compensation.
CCOMP = 15 pF, C1 = 15 pF, RF = 1 k
Ω, R1 = 1 kΩ
FREQUENCY – Hz
–15
100k
100M
1M
10M
–12
–9
–6
–3
0
3
6
9
12
15
–3dB @ 8.2MHz
–3dB @ 10.2MHz
–3dB @ 9.6MHz
GAIN = –2
VIN = –30dBM
VS = 15V
RL = 1k
RF = 1k
CCOMP = 15pF
C1 = 15pF
GAIN = –4
GAIN = –1
Figure 31. Closed-Loop Gain vs. Frequency for the Circuit
of Figure 29
Figure 32 is an oscilloscope photo of the pulse response of a
unity gain inverter which has been configured to provide a small
signal bandwidth of 53 MHz and a subsequent slew rate of
180 V/
µs; resistor R
F = 3 k
Ω, capacitor C
COMP = 1 pF. Figure 33
shows the excellent pulse response as a unity gain inverter, this
time using component values of: RF = 1 k
Ω and CCOMP = 4 pF.
Figures 34 and 35 show the closed-loop frequency response of
the AD829 for different closed-loop gains and for different
supply voltages.
If a noninverting amplifier configuration using current feedback
compensation is desired, the circuit of Figure 36 is recom-
mended. This circuit doubles the slew rate compared to the
shunt compensated noninverting amplifier of Figure 27 at the
expense of gain flatness. Nonetheless, this circuit delivers 95 MHz
bandwidth with
±1 dB flatness into a back terminated cable,
with a differential gain error of only 0.01%, and a differential
phase error of only 0.015
° at 4.43 MHz.
Figure 32. Large Signal Pulse Response of the Inverting
Amplifier Using Current Feedback Compensation.
CCOMP = 1 pF, RF = 3 k
Ω, R1 = 3 kΩ
Figure 33. Small Signal Pulse Response of Inverting
Amplifier Using Current Feedback Compensation.
CCOMP = 4 pF, RF = 1 k
Ω, R1 = 1 kΩ
FREQUENCY – Hz
–15
100M
1M
10M
–12
–9
–6
–3
0
3
6
9
12
15
GAIN = –2
VS = 15V
RL = 1k
RF = 1k
VIN = –30dBM
GAIN = –4
GAIN = –1
CCOMP = 2pF
CCOMP = 3pF
CCOMP = 4pF
Figure 34. Closed-Loop Frequency Response for the
Inverting Amplifier Using Current Feedback Compensation


Numéro de pièce similaire - AD829AR-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD829AR-REEL7 AD-AD829AR-REEL7 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829AR-REEL7 AD-AD829AR-REEL7 Datasheet
385Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829AR-REEL7 AD-AD829AR-REEL7 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
More results

Description similaire - AD829AR-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD829 AD-AD829_04 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD829 AD-AD829_11 Datasheet
385Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
   Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
logo
Linear Technology
RH37C LINER-RH37C_15 Datasheet
106Kb / 2P
   Low Noise, High Speed Precision Op Amp
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com