Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX20665 Fiches technique(PDF) 2 Page - Synaptics Incorporated.

No de pièce CX20665
Description  Sampling rates include 16-bit, 44.1
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CONEXANT [Synaptics Incorporated.]
Site Internet  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20665 Fiches technique(HTML) 2 Page - Synaptics Incorporated.

  CX20665 Datasheet HTML 1Page - Synaptics Incorporated. CX20665 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Minimum
Typical
Maximum
Units
Line Outputs
Full Scale Output Voltage
1.0
Vrms
Dynamic Range (measured with -60 dBFS signal present)
100
dBFS
Total Harmonic Distortion + Noise (THD + N)
-85
dB
Channel Crosstalk
-84
dBFS
Analog Frequency Response (+/- 3 dB at 20 Hz, +/- 1 dB at 20000 Hz)
20
20000
Hz
Headphone Output
Full Scale Output Voltage
1.2
Vrms
Dynamic Range (measured with -60 dBFS signal present)
99
dBFS
Total Harmonic Distortion + Noise (THD + N)
-87
dB
Channel Crosstalk
-75
dBFS
Analog Frequency Response (+/- 3 dB at 20 Hz, +/- 1 dB at 20000 Hz)
20
20000
Hz
Class-D Speaker Amplifier Outputs
Full Scale Output Voltage (into 4
Ω)
3.96
2.83
4.0
2.90
4.2
3
Vp
Vrms
Dynamic Range (measured with -60 dBFS signal present)
94
dBFS
Total Harmonic Distortion + Noise (THD + N, measured at -3 dBFS)
-71
dBFS
Analog Frequency Response (+/- 3 dB at 20 Hz, +/- 1 dB at 20000 Hz)
20
20000
Hz
Efficiency (Measured at 1 W/Ch)
85
%
Microphone/Line Inputs
Full Scale Input Voltage (With 20 dB boost)
Full Scale Input Voltage (With boost off)
0.1
1.0
Vrms
Dynamic Range (measured with -60 dBFS signal present)
91
dBFS
Total Harmonic Distortion + Noise (THD + N)
-87
dBFS
Channel Crosstalk (measured at 1 kHz, 0 dB gain)
-84
dBFS
Analog Frequency Response (+/- 3 dB at 200 Hz, +/- 1 dB at 20000 Hz)
200
20000
Hz
Input Resistance
0 dB
10-40 dB
15.8
5.0
k
Ω
Input Capacitance
5
pF
Analog Performance Characteristics
Model/Order/Part Numbers
Supported Functions
Operating
Temperature
Device
Order Number
Audio Codec
Part Number
Revision
Audio Codec
Package Type
Integrated Mono
Class-D Amplifier
Number of
DACs/ADCs
CX20665-11Z
CX20664
-11Z
48-QFN
Y
6/4
0 to 70 oC
© 2012 Conexant Systems, Inc. All Rights Reserved. Conexant and the
Conexant logo are registered trademarks of Conexant Systems, Inc. All other
trademarks are owned by their respective owners. Although Conexant strives
for accuracy in all its publications, this material may contain errors or
omissions and is subject to change without notice. THIS MATERIAL IS
PROVIDED AS IS AND WITHOUT ANY EXPRESS OR IMPLIED
WARRANTIES, INCLUDING MERCHANT ABILITY, FITNESS FOR A
PAPARTICULAR PURPOSE AND NON-INFRINGEMENT. Conexant shall
not be liable for any special, indirect, incidental or consequential damages as
a result of its use.
www.conexant.com
General Information:
U.S. and Canada: (888) 855-4562
International: 1+ (949) 483-3000
Headquarters
4000 MacArthur Blvd.
Newport Beach, CA 92660
Doc# PBR-203100
Ordering Information


Numéro de pièce similaire - CX20665

FabricantNo de pièceFiches techniqueDescription
logo
Synaptics Incorporated.
CX20662 CONEXANT-CX20662 Datasheet
215Kb / 2P
   Line echo suppression
More results

Description similaire - CX20665

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC1605ACG LINER-LTC1605ACG Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
LTC1605 LINER-LTC1605 Datasheet
490Kb / 16P
   16-Bit, 100ksps, Sampling ADC
LTC1605 LINER-LTC1605_15 Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
logo
Analog Devices
AD1876 AD-AD1876 Datasheet
190Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_15 Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
logo
List of Unclassifed Man...
CDX-900 ETC2-CDX-900 Datasheet
46Kb / 1P
   16 bit over sampling digital filter
logo
Analog Devices
AD676 AD-AD676_17 Datasheet
421Kb / 17P
   16-Bit 100 kSPS Sampling ADC
AD1380 AD-AD1380_15 Datasheet
248Kb / 12P
   Low Cost 16-Bit Sampling ADC
REV. D
AD1876 AD-AD1876_15 Datasheet
158Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com