Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD822BR Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD822BR
Description  Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD822BR Fiches technique(HTML) 5 Page - Analog Devices

  AD822BR Datasheet HTML 1Page - Analog Devices AD822BR Datasheet HTML 2Page - Analog Devices AD822BR Datasheet HTML 3Page - Analog Devices AD822BR Datasheet HTML 4Page - Analog Devices AD822BR Datasheet HTML 5Page - Analog Devices AD822BR Datasheet HTML 6Page - Analog Devices AD822BR Datasheet HTML 7Page - Analog Devices AD822BR Datasheet HTML 8Page - Analog Devices AD822BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD822
REV. A
–5–
(VS = 0, 3 volts @ TA = +25 C, VCM = 0 V, VOUT = 0.2 V unless otherwise noted)
AD822A-3 V
Parameter
Conditions
Min
Typ
Max
Units
DC PERFORMANCE
Initial Offset
0.2
1
mV
Max Offset over Temperature
0.5
1.5
mV
Offset Drift
1
µV/°C
Input Bias Current
VCM = 0 V to +2 V
2
25
pA
at TMAX
0.5
5
nA
Input Offset Current
220
pA
at TMAX
0.5
nA
Open-Loop Gain
VO = 0.2 V to 2 V
RL = 100 k
300
1000
V/mV
TMIN to TMAX
300
V/mV
RL = 10 k
60
150
V/mV
TMIN to TMAX
60
V/mV
RL = 1 k
10
30
V/mV
TMIN to TMAX
8
V/mV
NOISE/HARMONIC PERFORMANCE
Input Voltage Noise
0.1 Hz to 10 Hz
2
µV p-p
f = 10 Hz
25
nV/
√Hz
f = 100 Hz
21
nV/
√Hz
f = 1 kHz
16
nV/
√Hz
f = 10 kHz
13
nV/
√Hz
Input Current Noise
0.1 Hz to 10 Hz
18
fA p-p
f = 1 kHz
0.8
fA/
√Hz
Harmonic Distortion
RL = 10 k to 1.5 V
f = 10 kHz
VO = ± 1.25 V
–92
dB
DYNAMIC PERFORMANCE
Unity Gain Frequency
1.5
MHz
Full Power Response
VO p-p = 2.5 V
240
kHz
Slew Rate
3V/
µs
Settling Time
to 0.1%
VO = 0.2 V to 2.5 V
1
µs
to 0.01%
1.4
µs
MATCHING CHARACTERISTICS
Initial Offset
1mV
Max Offset Over Temperature
2mV
Offset Drift
2
µV/°C
Input Bias Current
10
pA
Crosstalk @ f = 1 kHz
RL = 5 kΩ
–130
dB
f = 100 kHz
–93
dB
INPUT CHARACTERISTICS
Common-Mode Voltage Range
2
–0.2
2
V
TMIN to TMAX
–0.2
2
V
CMRR
VCM = 0 V to +1 V
60
74
dB
TMIN to TMAX
60
dB
Input Impedance
Differential
10
13
||0.5
Ω||pF
Common Mode
10
13
||2.8
Ω||pF
OUTPUT CHARACTERISTICS
Output Saturation Voltage3
VOL–VEE
ISINK = 20 µA5
7
mV
TMIN to TMAX
10
mV
VCC–VOH
ISOURCE = 20 µA10
14
mV
TMIN to TMAX
20
mV
VOL–VEE
ISINK = 2 mA
40
55
mV
TMIN to TMAX
80
mV
VCC–VOH
ISOURCE = 2 mA
80
110
mV
TMIN to TMAX
160
mV
VOL–VEE
ISINK = 10 mA
200
400
mV
TMIN to TMAX
400
mV
VCC–VOH
ISOURCE = 10 mA
500
1000
mV
TMIN to TMAX
1000
mV
Operating Output Current
15
mA
TMIN to TMAX
12
mA
Capacitive Load Drive
350
pF
POWER SUPPLY
Quiescent Current TMIN to TMAX
1.24
1.6
mA
Power Supply Rejection
VS+ = 3 V to 15 V
70
80
dB
TMIN to TMAX
70
dB


Numéro de pièce similaire - AD822BR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD822BR AD-AD822BR Datasheet
595Kb / 28P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. G
AD822BR AD-AD822BR Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD822BR AD-AD822BR Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD822BR-REEL AD-AD822BR-REEL Datasheet
595Kb / 28P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. G
AD822BR-REEL AD-AD822BR-REEL Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results

Description similaire - AD822BR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824 AD-AD824_03 Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_15 Datasheet
436Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824 Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822AN AD-AD822AN Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com