Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD822 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD822
Description  Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD822 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD822 Datasheet HTML 6Page - Analog Devices AD822 Datasheet HTML 7Page - Analog Devices AD822 Datasheet HTML 8Page - Analog Devices AD822 Datasheet HTML 9Page - Analog Devices AD822 Datasheet HTML 10Page - Analog Devices AD822 Datasheet HTML 11Page - Analog Devices AD822 Datasheet HTML 12Page - Analog Devices AD822 Datasheet HTML 13Page - Analog Devices AD822 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1000
100
1
–60
–40
140
120
100
80
60
40
20
0
–20
10
TEMPERATURE –
°C
I
SOURCE
= 10mA
I
SINK
= 10mA
I
SOURCE
= 1mA
I
SINK
= 1mA
I
SOURCE
= 10
µA
I
SINK
= 10
µA
Figure 19. Output Saturation Voltage vs. Temperature
TEMPERATURE –
°C
80
0
140
20
10
–40
–60
40
30
50
60
70
120
100
80
60
40
20
0
–20
V
S
=
±15V
V
S
=
±15V
V
S
= 0V, 5V
V
S
= 0V, 3V
V
S
= 0V, 5V
V
S
= 0V, 3V
–OUT
+
+
+
Figure 20. Short Circuit Current Limit vs. Temperature
TOTAL SUPPLY VOLTAGE – Volts
1600
0
36
400
200
4
0
800
600
1000
1200
1400
30
28
24
20
16
12
8
T = +125
°C
T = +25
°C
T = –55
°C
Figure 21. Quiescent Current vs. Supply Voltage vs.
Temperature
FREQUENCY – Hz
60
0
10
100
10M
1M
100k
10k
1k
30
90
80
20
50
70
10
40
100
–PSRR
+PSRR
Figure 22. Power Supply Rejection vs. Frequency
FREQUENCY – Hz
30
15
0
10k
100k
10M
1M
10
5
20
25
V
S
=
±15V
V
S
= 0V, 5V
V
S
= 0V ,3V
RL = 2k
Figure 23. Large Signal Frequency Response
2.4
0.4
1.0
0.6
–40
0.8
–60
1.6
1.2
1.4
1.8
2.0
2.2
140
120
100
80
60
40
0
–20
20
AMBIENT TEMPERATURE –
°C
8-PIN CERDIP
(HERMETIC)
8-PIN MINI-DIP
(PLASTIC)
8-PIN SOIC
(PLASTIC)
(PLASTIC) T
JMAX = 145 °C
(HERMETIC) T
JMAX = 175°C
Figure 24. Maximum Power Dissipation vs. Temperature
for Plastic and Hermetic Packages
AD822–Typical Characteristics
REV. A
–10–


Numéro de pièce similaire - AD822

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD822 AD-AD822 Datasheet
595Kb / 28P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. G
AD822 AD-AD822 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
logo
List of Unclassifed Man...
AD822-00 ETC2-AD822-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD822-EP AD-AD822-EP Datasheet
320Kb / 20P
   Sinle-Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. 0
AD8220 AD-AD8220 Datasheet
361Kb / 20P
   Low Noise, Low Gain Drift, G = 2000
REV. A
More results

Description similaire - AD822

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824 AD-AD824_03 Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_15 Datasheet
436Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824 Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822AN AD-AD822AN Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com