Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8132-EVAL Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD8132-EVAL
Description  Low-Cost, High-Speed Differential Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8132-EVAL Fiches technique(HTML) 5 Page - Analog Devices

  AD8132-EVAL Datasheet HTML 1Page - Analog Devices AD8132-EVAL Datasheet HTML 2Page - Analog Devices AD8132-EVAL Datasheet HTML 3Page - Analog Devices AD8132-EVAL Datasheet HTML 4Page - Analog Devices AD8132-EVAL Datasheet HTML 5Page - Analog Devices AD8132-EVAL Datasheet HTML 6Page - Analog Devices AD8132-EVAL Datasheet HTML 7Page - Analog Devices AD8132-EVAL Datasheet HTML 8Page - Analog Devices AD8132-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
–5–
AD8132
ABSOLUTE MAXIMUM RATINGS
1, 2
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±5.5 V
VOCM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . 250 mW
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering 10 sec) . . . . . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above listed in the operational section of this
specification is not implied. Exposure to Absolute Maximum Ratings for any
extended periods may affect device reliability.
2Thermal resistance measured on SEMI standard 4-layer board.
8-Lead SOIC:
θ
JA = 121
°C/W
8-Lead
µSOIC: θ
JA = 142
°C/W
AMBIENT TEMPERATURE – C
–50
0
TJ = 150 C
2.0
1.5
1.0
8-LEAD SOIC
PACKAGE
–40 –30
0
10
20
3040 5060
70
80 90
8-LEAD
microSOIC
0.5
–20 –10
Figure 2. Plot of Maximum Power Dissipation vs.
Temperature
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8132AR
–40
°C to +85°C
8-Lead SOIC
SO-8
AD8132AR-REEL
1
–40
°C to +85°C
13" Tape and Reel
AD8132AR-REEL7
2
–40
°C to +85°C
7" Tape and Reel
AD8132ARM
–40
°C to +85°C
8-Lead
µSOIC
SM-8
AD8132ARM-REEL
3
–40
°C to +85°C
13" Tape and Reel
AD8132ARM-REEL7
2
–40
°C to +85°C
7" Tape and Reel
AD8132-EVAL
Evaluation Board
NOTES
113" Reels of 2500 each.
27" Reels of 1000 each.
313" Reels of 3000 each.
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Function
1
–IN
Negative Input.
2VOCM
Voltage applied to this pin sets the common-
mode output voltage with a ratio of 1:1. For
example, 1 V dc on VOCM will set the dc bias
level on +OUT and –OUT to 1 V.
3
V+
Positive Supply Voltage.
4
+OUT
Positive Output. Note: the voltage at –DIN is
inverted at +OUT.
5
–OUT
Negative Output. Note: the voltage at +DIN
is inverted at –OUT.
6
V–
Negative Supply Voltage.
7
NC
No Connect.
8
+IN
Positive Input.
PIN CONFIGURATION
AD8132
+
1
2
3
4
NC = NO CONNECT
–IN
+IN
VOCM
NC
V+
V–
+OUT
–OUT
8
7
6
5
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8132 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Numéro de pièce similaire - AD8132-EVAL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8132 AD-AD8132 Datasheet
939Kb / 16P
   Matched Resistor Network for Precision Amplifiers
AD8132AR AD-AD8132AR Datasheet
441Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. F
AD8132AR AD-AD8132AR Datasheet
621Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132AR AD-AD8132AR Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132AR AD-AD8132AR Datasheet
524Kb / 33P
   Low Cost, High Speed Differential Amplifier
More results

Description similaire - AD8132-EVAL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
   Low Cost, High Speed Differential Amplifier
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132_15 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8131 AD-AD8131_05 Datasheet
378Kb / 20P
   Low Cost, High Speed Differential Driver
REV. B
AD8131 AD-AD8131_15 Datasheet
479Kb / 21P
   Low Cost, High Speed Differential Driver
REV. B
AD8131 AD-AD8131 Datasheet
197Kb / 12P
   Low-Cost, High-Speed Differential Driver
REV. 0
AD518 AD-AD518 Datasheet
127Kb / 2P
   LOW-COST HIGH-SPEED, IC OPERATIONAL AMPLIFIER
REV. B
AD518 AD-AD518_15 Datasheet
1Mb / 4P
   LOW COST HIGH SPEED IC OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com