Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1210CG223B201 Fiches technique(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

No de pièce ST1210CG223B201
Description  Soft Termination Multilayer Ceramic Chip Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MERITEK [MERITEK ELECTRONICS CORPORATION]
Site Internet  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

ST1210CG223B201 Fiches technique(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  ST1210CG223B201 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION ST1210CG223B201 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION ST1210CG223B201 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION ST1210CG223B201 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION ST1210CG223B201 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION ST1210CG223B201 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION ST1210CG223B201 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION ST1210CG223B201 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION ST1210CG223B201 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DIELECTRIC
NP0
SIZE
1206
RATED VOLTAGE (VDC)
100
200
250
500
630
0.5pF (0R5)
1.0pF (1R0)
1.2pF (1R2)
1.5pF (1R5)
1.8pF (1R8)
2.2pF (2R2)
2.7pF (2R7)
3.3pF (3R3)
3.9pF (3R9)
4.7pF (4R7)
5.6pF (5R6)
6.8pF (6R8)
8.2pF (8R2)
10pF (100)
12pF (120)
15pF (150)
18pF (180)
22pF (220)
27pF (270)
33pF (330)
39pF (390)
47pF (470)
56pF (560)
68pF (680)
82pF (820)
100pF (101)
120pF (121)
150pF (151)
180pF (181)
220pF (221)
270pF (271)
330pF (331)
390pF (391)
470pF (471)
560pF (561)
680pF (681)
820pF (821)
1,000pF (102)
1,200pF (122)
1,500pF (152)
1,800pF (182)
2,200pF (222)
2,700pF (272)
3,300pF (332)
3,900pF (392)
4,700pF (472)
5,600pF (562)
6,800pF (682)
8,200pF (822)
Soft Termination Multilayer
Ceramic Chip Capacitors
RoHS
MERITEK
ST Series
CAPACITANCE RANGE
Rev.7


Numéro de pièce similaire - ST1210CG223B201

FabricantNo de pièceFiches techniqueDescription
logo
Sangdest Microelectroni...
ST12100 SMC-ST12100 Datasheet
159Kb / 7P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST12100 SMCDIODE-ST12100 Datasheet
379Kb / 6P
   SCHOTTKY RECTIFIER
Rev. B
logo
E-SWITCH
ST121000 E-SWITCH-ST121000 Datasheet
242Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST121005 E-SWITCH-ST121005 Datasheet
174Kb / 1P
   E-SWITCH 100DP1T1B1M1QEH
ST121005 E-SWITCH-ST121005 Datasheet
174Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Description similaire - ST1210CG223B201

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GCJ31CR72A105KA01 MURATA-GCJ31CR72A105KA01 Datasheet
754Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188C70J475KE02 MURATA-GCJ188C70J475KE02 Datasheet
762Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A333KA01 MURATA-GCJ188R92A333KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BL81H104KA01 MURATA-GCJ21BL81H104KA01 Datasheet
758Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A473KA01 MURATA-GCJ188R92A473KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ31CC71H475KA01 MURATA-GCJ31CC71H475KA01 Datasheet
755Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71E105KA01 MURATA-GCJ188R71E105KA01 Datasheet
764Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BC72A105KE02 MURATA-GCJ21BC72A105KE02 Datasheet
757Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ219R71H334KA12 MURATA-GCJ219R71H334KA12 Datasheet
763Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71H224KA01 MURATA-GCJ188R71H224KA01 Datasheet
767Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com