Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1210CG223B201 Fiches technique(PDF) 9 Page - MERITEK ELECTRONICS CORPORATION

No de pièce ST1210CG223B201
Description  Soft Termination Multilayer Ceramic Chip Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MERITEK [MERITEK ELECTRONICS CORPORATION]
Site Internet  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

ST1210CG223B201 Fiches technique(HTML) 9 Page - MERITEK ELECTRONICS CORPORATION

Back Button ST1210CG223B201 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION ST1210CG223B201 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION ST1210CG223B201 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION ST1210CG223B201 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION ST1210CG223B201 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION ST1210CG223B201 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION ST1210CG223B201 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION ST1210CG223B201 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION ST1210CG223B201 Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
No.
Item
Test Condition
Requirements
1. Visual and
Mechanical
---
* No remarkable defect.
* Dimensions to conform to individual specification sheet.
2. Capacitance
* Shall not exceed the limits given in the detailed spec.
3. Q/ D.F.
(Dissipation
Factor)
Class I: (NP0)
Cap≤1000pF, 1.0±0.2Vrms, 1MHz±10%
Cap>1000pF, 1.0±0.2Vrms, 1KHz±10%
Class II: (X7R)
1.0±0.2Vrms, 1kHz±10%
NP0: Cap≥30pF, Q≥1000; Cap<30pF, Q≥400+20C
X7R: ≤2.5%
4. Temperature
Coefficient
With no electrical load.
T.C.
Operating Temp
NP0
-55~125°C at 25°C
X7R
-55~125°C at 25°C
T.C.
Capacitance Change
NPO
Within ±30ppm/°C
X7R
Within ±15%
5. Insulation
Resistance
UR=100V: To apply voltage at UR for max. 120 sec.
UR>100V: To apply voltage at UR (500V max.) for 60
sec.
Class I (NP0)
: ≥100G or RxC≥1000 -F whichever is smaller.
Class II (X7R)
: ≥10G or RxC≥500 -F whichever is smaller.
6. Dielectric
Strength
* To apply voltage:
100V
=2.5 times of UR
200V/250V
=2 times of UR
500V
=1.5 times of UR
> 500V
=1.2 times of UR
* Duration: 1 to 5 sec.
* No evidence of damage or flashover during test.
7. Solderability * Solder temperature: 235±5°C
* Dipping time: 2±0.5 sec.
NPO:95% min. coverage of all metalized area.
X7R:75% min. coverage of all metalized area.
8. Resistance
to Soldering
Heat
* Solder temperature: 260±5°C
* Dipping time: 10±1 sec
* Preheating: 120 to 150°C for 1 minute before
immerse the capacitor in a eutectic solder.
* Before initial measurement : Perform 150+0/-10°C
for 1 hr and then set for 48±4 hrs at room temp.
* Measurement to be made after keeping at room
temp. for 24±2hrs (Class I) or 48±4 hrs (Class II)
* No remarkable damage.
* Cap change:
NP0: within ±2.5% or ±0.25pF whichever is larger.
* Q/D.F., I.R. and dielectric strength: To meet initial requirements.
X7R:
within ±15%
* 25% max. leaching on each edge.
9. Temperature
Cycle
* Conduct the five cycles according to the
temperatures and time.
Step
Temp. (°C)
Time (min.)
1
Min. operating temp. +0/-3
30±3
2
Room temp.
2~3
3
Max. operating temp. +3/-0
30±3
4
Room temp.
2~3
* Before initial measurement : Perform 150+0/-10°C
for 1 hr and then set for 48±4 hrs at room temp.
* Measurement to be made after keeping at room
temp. for 24±2 hrs. (Class I) or 48±4 hrs (Class II)
* No remarkable damage.
* Cap change:
NP0: within ±2.5% or ±0.25pF whichever is larger.
X7R: within ±15%
* Q/D.F.:
X7R: ≤1.5 × Initial requirement
* I.R.≥ 0.25 × initial requirements.
10. Humidity
(Damp Heat)
Steady State
* Test temp.: 40±2°C
* Humidity: 90~95% RH
* Test time: 500+24/-0hrs.
* Measurement to be made after keeping at room
temp. for 24±2 hrs. (Class I) or 48±4 hrs (Class II)
* No remarkable damage.
* Cap change:
NP0: within ±5.0% or ±0.5pF whichever is larger.
X7R :within ±15%
Q/D.F Value:
NP0: Cap≥30pF, Q≥350; 10pF≤Cap<30pF, Q≥275+2.5C
Cap<10pF; Q≥200+10C
X7R:
≤7.0%
* I.R.: ≥1G or RxC≥50 -F whichever is smaller.
Soft Termination Multilayer
Ceramic Chip Capacitors
RoHS
MERITEK
ST Series
RELIABILITY TEST CONDITIONS AND REQUIREMENTS
Rev.7


Numéro de pièce similaire - ST1210CG223B201

FabricantNo de pièceFiches techniqueDescription
logo
Sangdest Microelectroni...
ST12100 SMC-ST12100 Datasheet
159Kb / 7P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST12100 SMCDIODE-ST12100 Datasheet
379Kb / 6P
   SCHOTTKY RECTIFIER
Rev. B
logo
E-SWITCH
ST121000 E-SWITCH-ST121000 Datasheet
242Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST121005 E-SWITCH-ST121005 Datasheet
174Kb / 1P
   E-SWITCH 100DP1T1B1M1QEH
ST121005 E-SWITCH-ST121005 Datasheet
174Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Description similaire - ST1210CG223B201

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GCJ31CR72A105KA01 MURATA-GCJ31CR72A105KA01 Datasheet
754Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188C70J475KE02 MURATA-GCJ188C70J475KE02 Datasheet
762Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A333KA01 MURATA-GCJ188R92A333KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BL81H104KA01 MURATA-GCJ21BL81H104KA01 Datasheet
758Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A473KA01 MURATA-GCJ188R92A473KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ31CC71H475KA01 MURATA-GCJ31CC71H475KA01 Datasheet
755Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71E105KA01 MURATA-GCJ188R71E105KA01 Datasheet
764Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BC72A105KE02 MURATA-GCJ21BC72A105KE02 Datasheet
757Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ219R71H334KA12 MURATA-GCJ219R71H334KA12 Datasheet
763Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71H224KA01 MURATA-GCJ188R71H224KA01 Datasheet
767Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com