Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8039 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8039
Description  Low Power 350 MHz Voltage Feedback Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8039 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD8039 Datasheet HTML 3Page - Analog Devices AD8039 Datasheet HTML 4Page - Analog Devices AD8039 Datasheet HTML 5Page - Analog Devices AD8039 Datasheet HTML 6Page - Analog Devices AD8039 Datasheet HTML 7Page - Analog Devices AD8039 Datasheet HTML 8Page - Analog Devices AD8039 Datasheet HTML 9Page - Analog Devices AD8039 Datasheet HTML 10Page - Analog Devices AD8039 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. B
AD8038/AD8039
–7–
FREQUENCY – Hz
100
10
100
1000
10000
100000
1M
1000
100000
10000
TPC 19. Input Current Noise vs.
Frequency
50mV/DIV
5ns/DIV
CL = 25pF WITH
RSNUB = 19.6
CL = 10pF
CL = 5pF
TPC 22. Small Signal Transient
Response for Various Capacitive
Loads, VS = 5 V
RL = 500
RL = 2k
1V/DIV
5ns/DIV
TPC 25. Large Signal Transient
Response for Various RLOAD,
VS =
±5 V
RL = 500
RL = 2k
50mV/DIV
5ns/DIV
TPC 20. Small Signal Transient
Response for Various RLOAD,
VS = 5 V
50mV/DIV
5ns/DIV
CL = 25pF WITH
RSNUB = 19.6
CL = 10pF
CL = 5pF
TPC 23. Small Signal Transient
Response for Various Capacitive
Loads, VS =
±5 V
CL = 25pF
500mV/DIV
5ns/DIV
CL = 5pF
2.5V
TPC 26. Large Signal Transient
Response for Various Capacitive
Loads, VS = 5 V
RL = 500
RL = 2k
50mV/DIV
5ns/DIV
TPC 21. Small Signal Transient
Response for Various RLOAD,
VS =
±5 V
RL = 500
RL = 2k
500mV/DIV
5ns/DIV
2.5V
TPC 24. Large Signal Transient
Response for Various RLOAD,
VS = 5 V
500mV/DIV
5ns/DIV
CL = 10pF
CL = 5pF
TPC 27. Large Signal Transient
Response for Various Capacitive
Loads, VS =
±5 V
(Default Conditions:
5 V, CL = 5 pF, G = +2, RG = RF = 1 k
Ω, RL = 2 kΩ, VO = 2 V p-p, Frequency = 1 MHz, TA = 25 C.)


Numéro de pièce similaire - AD8039

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8039 AD-AD8039 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8039AR AD-AD8039AR Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8039AR AD-AD8039AR Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039AR-REEL AD-AD8039AR-REEL Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8039AR-REEL AD-AD8039AR-REEL Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
More results

Description similaire - AD8039

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_04 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com