Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX20632 Fiches technique(PDF) 2 Page - Synaptics Incorporated.

No de pièce CX20632
Description  Multiple input/output retaskable ports
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CONEXANT [Synaptics Incorporated.]
Site Internet  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20632 Fiches technique(HTML) 2 Page - Synaptics Incorporated.

  CX20632 Datasheet HTML 1Page - Synaptics Incorporated. CX20632 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Minimum
Typical
Maximum
Units
Line Outputs
Full Scale Output Voltage
1.0
Vrms
Dynamic Range (measured with -60 dBFS signal present)
100
dBFS
Total Harmonic Distortion + Noise (THD + N)
-85
dB
Channel Crosstalk
-84
dBFS
Analog Frequency Response (+/- 3 dB at 20 Hz, +/- 1 dB at 20000 Hz)
20
20000
Hz
Headphone Output
Full Scale Output Voltage
1.2
Vrms
Dynamic Range (measured with -60 dBFS signal present)
99
dBFS
Total Harmonic Distortion + Noise (THD + N)
-87
dB
Channel Crosstalk
-75
dBFS
Analog Frequency Response (+/- 3 dB at 20 Hz, +/- 1 dB at 20000 Hz)
20
20000
Hz
Class-D Speaker Amplifier Outputs
Full Scale Output Voltage (into 4
Ω)
3.96
2.83
4.0
2.90
4.2
3
Vp
Vrms
Dynamic Range (measured with -60 dBFS signal present)
94
dBFS
Total Harmonic Distortion + Noise (THD + N, measured at -3 dBFS)
-71
dBFS
Analog Frequency Response (+/- 3 dB at 20 Hz, +/- 1 dB at 20000 Hz)
20
20000
Hz
Efficiency (Measured at 1 W/Ch)
85
%
Microphone/Line Inputs
Full Scale Input Voltage (With 20 dB boost)
Full Scale Input Voltage (With boost off)
0.1
1.0
Vrms
Dynamic Range (measured with -60 dBFS signal present)
91
dBFS
Total Harmonic Distortion + Noise (THD + N)
-87
dBFS
Channel Crosstalk (measured at 1 kHz, 0 dB gain)
-84
dBFS
Analog Frequency Response (+/- 3 dB at 200 Hz, +/- 1 dB at 20000 Hz)
200
20000
Hz
Input Resistance
0 dB
10-40 dB
15.8
5.0
k
Ω
Input Capacitance
5
pF
Model/Order/Part Numbers
Supported Functions
Operating
Temperature
Device
Order
Number
Audio Codec
Part Number
Revision
Audio Codec
Package Type
Integrated Mono
Class-D Amplifier
Number of
DACs/ADCs
Digital Mic
CX20632-11Z
CX20632-11Z
-11Z
48-QFN
Y
6/6
Y
0 to 70 oC
© 2012 Conexant Systems, Inc. All Rights Reserved. Conexant and the
Conexant logo are registered trademarks of Conexant Systems, Inc. All other
trademarks are owned by their respective owners. Although Conexant strives
for accuracy in all its publications, this material may contain errors or
omissions and is subject to change without notice. THIS MATERIAL IS
PROVIDED AS IS AND WITHOUT ANY EXPRESS OR IMPLIED
WARRANTIES, INCLUDING MERCHANT ABILITY, FITNESS FOR A
PAPARTICULAR PURPOSE AND NON-INFRINGEMENT. Conexant shall
not be liable for any special, indirect, incidental or consequential damages as
a result of its use.
www.conexant.com
General Information:
U.S. and Canada: (888) 855-4562
International: 1+ (949) 483-3000
Headquarters
4000 MacArthur Blvd.
Newport Beach, CA 92660
Doc# PBR-203098
Analog Performance Characteristics
Ordering Information


Numéro de pièce similaire - CX20632

FabricantNo de pièceFiches techniqueDescription
logo
Pulse A Technitrol Comp...
CX2060 PULSE-CX2060 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
CX2062 PULSE-CX2062 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
CX2064 PULSE-CX2064 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
CX2065 PULSE-CX2065 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
logo
Synaptics Incorporated.
CX20662 CONEXANT-CX20662 Datasheet
215Kb / 2P
   Line echo suppression
More results

Description similaire - CX20632

FabricantNo de pièceFiches techniqueDescription
logo
Systemsensor advanced i...
CR-6 SYSTEMSENSOR-CR-6 Datasheet
496Kb / 2P
   Multiple Input and Output Modules
logo
Intersil Corporation
CDP1872C INTERSIL-CDP1872C Datasheet
32Kb / 6P
   High-Speed 8-Bit Input and Output Ports
March 1997
logo
Marki Microwave
EQ6-26 MARKIMICROWAVE-EQ6-26 Datasheet
850Kb / 4P
   Matched 50 Ohm Impedance on Input and Output Ports
logo
List of Unclassifed Man...
EQ6-40 ETC-EQ6-40 Datasheet
836Kb / 4P
   Matched 50 Ohm Impedance on Input and Output Ports
logo
Marki Microwave
EQ3-26 MARKIMICROWAVE-EQ3-26 Datasheet
869Kb / 4P
   Matched 50 Ohm Impedance on Input and Output Ports
EQ3-40 MARKIMICROWAVE-EQ3-40 Datasheet
903Kb / 4P
   Matched 50 Ohm Impedance on Input and Output Ports
logo
Maxim Integrated Produc...
MAX9132 MAXIM-MAX9132 Datasheet
736Kb / 20P
   Programmable, High-Speed, Multiple Input/Output LVDS Crossbar Switches
Rev 2; 4/11
logo
SL Power Electronics
TMX-350 SLPOWER-TMX-350 Datasheet
91Kb / 2P
   350 WATTS MULTIPLE OUTPUT 48 VDC INPUT, HOT SWAP
logo
Sumida Corporation
EEH1713 SUMIDA-EEH1713 Datasheet
278Kb / 1P
   Multiple Output Transformer
logo
SL Power Electronics
DMX-500 SLPOWER-DMX-500 Datasheet
145Kb / 2P
   500 WATTS MULTIPLE OUTPUT 48 VDC INPUT, FORCED CURRENT SHARING
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com