Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8022AR Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD8022AR
Description  Dual High-Speed Low-Noise Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8022AR Fiches technique(HTML) 5 Page - Analog Devices

  AD8022AR Datasheet HTML 1Page - Analog Devices AD8022AR Datasheet HTML 2Page - Analog Devices AD8022AR Datasheet HTML 3Page - Analog Devices AD8022AR Datasheet HTML 4Page - Analog Devices AD8022AR Datasheet HTML 5Page - Analog Devices AD8022AR Datasheet HTML 6Page - Analog Devices AD8022AR Datasheet HTML 7Page - Analog Devices AD8022AR Datasheet HTML 8Page - Analog Devices AD8022AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AD8022
–5–
REV. 0
FREQUENCY – MHz
5
4
3
2
1
0
–1
–2
–3
–4
–5
1
10
100
500
VIN = 0.05V p-p
VIN = 0.2V p-p
VIN = 0.4V p-p
VIN = 0.8V p-p
VIN = 2V p-p
VIN
VOUT
50
56.2
453
402
0.1
Figure 3. Frequency Response vs. Signal Level,
VS = ±12 V, G = 1
FREQUENCY – Hz
0.4
100k
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
1M
10M
100M
G = 1
RL = 509V
12V
5.0V
2.5V
Figure 4. Fine-Scale Gain Flatness vs. Frequency, G = 1
SUPPLY VOLTAGE –
Volts
140
0
014
2
46
8
10
12
120
80
60
40
20
100
G = +1, RF = 402
G = +2, RF = 715
Figure 5. Bandwidth vs. Supply, RL = 500 Ω, VIN = –10 dBm
FREQUENCY – MHz
0.1
10
100
500
1
5
4
3
2
1
0
–1
–2
–3
–4
–5
50
50
50
RF
RF = 402
RF = 0
RF = 715
VIN
VOUT
Figure 6. Frequency Response vs. RF, G = 1, VS = ±12 V,
VIN = 22 dBm
FREQUENCY – Hz
0.4
100k
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
1M
10M
100M
G = 2
RL = 509V
12V
5.0V
2.5V
Figure 7. Fine-Scale Gain Flatness vs. Frequency, G = 2
SUPPLY VOLTAGE – Volts
70
2.5
60
50
40
30
20
10
0
4.5
6.5
8.5
10.5
12.5
NEGATIVE EDGE
POSITIVE EDGE
Figure 8. Slew Rate vs. Supply Voltage, VS = ±12 V, G = 2


Numéro de pièce similaire - AD8022AR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8022AR AD-AD8022AR Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
AD8022AR-REEL AD-AD8022AR-REEL Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
AD8022AR-REEL7 AD-AD8022AR-REEL7 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
AD8022ARM AD-AD8022ARM Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
AD8022ARM-REEL AD-AD8022ARM-REEL Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
More results

Description similaire - AD8022AR

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Technology
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126_15 Datasheet
280Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1127 LINER-LT1127_15 Datasheet
280Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126_05 Datasheet
270Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126 Datasheet
250Kb / 8P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1028 LINER-LT1028 Datasheet
439Kb / 20P
   Ultra Low Noise Precision High Speed Op Amps
LT1128 LINER-LT1128_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com