Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1210XR104D101 Fiches technique(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

No de pièce ST1210XR104D101
Description  Soft Termination Multilayer Ceramic Chip Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MERITEK [MERITEK ELECTRONICS CORPORATION]
Site Internet  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

ST1210XR104D101 Fiches technique(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  ST1210XR104D101 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION ST1210XR104D101 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION ST1210XR104D101 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION ST1210XR104D101 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION ST1210XR104D101 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION ST1210XR104D101 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION ST1210XR104D101 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION ST1210XR104D101 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION ST1210XR104D101 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
GENERAL ELECTRICAL DATA
Item
Characteristic
Dielectric
NPO
X7R
Size
1206
0603,0805,1206,1210,1808,1812,1825,2
220,2225
Capacitance range*
1.5pF to 220pF
100pF to 4.7uF
Capacitance tolerance
C: ±0.25pF @cap
≤5pF
D: ±0.5pF @5pF
≤cap≤10pF
J: ±5%, K: ±10% @cap
≥10pF
J: ±5%,K: ±10%,M: ±20%
Rated voltage (WVDC)
100V, 200V, 250V, 500V, 630V
Tan
δ*
Q < 400+20C @cap<30pF
Q
≥ 1000 @cap≥30pF
Q
≤ 2.5%
Insulation resistance at Ur**
≥10GΩ or RxC ≥100Ω-F whichever is
smaller @Ur=100~630V
≥10GΩ @Ur=1000~3000V
≥10GΩ or RxC ≥500Ω-F whichever is
smaller
Operating temperature
-55 to +125
°C
Capacitance characteristic
±30ppm
±15%
Termination
Cu(or Ag)/Ni/Sn (lead-free termination)
*Measured at the condition of 30%~70% related humidity.
NPO: Apply 1.0±0.2Vrms, 1.0MHz±10% for cap
≤ 1000pF and 1.0±0.2Vrms, 1.0kHz±10% for cap>1000pF, 25°C at ambient temperature
X7R: Apply 1.0±0.2Vrms, 1.0kHz±10%, at 25
°C ambient temperature
**Measured at 500VDC for 60sec, for Ur > 500VDC
STRUCTURE
Meritek ST series is added a special termination material
( Ultra-Buffer or Anti-Bend) between ceramic body and Ni-barrier
that can absorb mechanical stress to prevent bending crack
occured.
100% Sn External Termination
Inner Electrode
Cu or Ag Termination
Ultra-Buffer
Ni-Barrier
100% Sn External Termination
Rev.7


Numéro de pièce similaire - ST1210XR104D101

FabricantNo de pièceFiches techniqueDescription
logo
Sangdest Microelectroni...
ST12100 SMC-ST12100 Datasheet
159Kb / 7P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST12100 SMCDIODE-ST12100 Datasheet
379Kb / 6P
   SCHOTTKY RECTIFIER
Rev. B
logo
E-SWITCH
ST121000 E-SWITCH-ST121000 Datasheet
242Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST121005 E-SWITCH-ST121005 Datasheet
174Kb / 1P
   E-SWITCH 100DP1T1B1M1QEH
ST121005 E-SWITCH-ST121005 Datasheet
174Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Description similaire - ST1210XR104D101

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GCJ31CR72A105KA01 MURATA-GCJ31CR72A105KA01 Datasheet
754Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188C70J475KE02 MURATA-GCJ188C70J475KE02 Datasheet
762Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A333KA01 MURATA-GCJ188R92A333KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BL81H104KA01 MURATA-GCJ21BL81H104KA01 Datasheet
758Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A473KA01 MURATA-GCJ188R92A473KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ31CC71H475KA01 MURATA-GCJ31CC71H475KA01 Datasheet
755Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71E105KA01 MURATA-GCJ188R71E105KA01 Datasheet
764Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BC72A105KE02 MURATA-GCJ21BC72A105KE02 Datasheet
757Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ219R71H334KA12 MURATA-GCJ219R71H334KA12 Datasheet
763Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71H224KA01 MURATA-GCJ188R71H224KA01 Datasheet
767Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com