Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7884BN Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD7884BN
Description  LC2MOS 16-Bit, High Speed Sampling ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7884BN Fiches technique(HTML) 5 Page - Analog Devices

  AD7884BN Datasheet HTML 1Page - Analog Devices AD7884BN Datasheet HTML 2Page - Analog Devices AD7884BN Datasheet HTML 3Page - Analog Devices AD7884BN Datasheet HTML 4Page - Analog Devices AD7884BN Datasheet HTML 5Page - Analog Devices AD7884BN Datasheet HTML 6Page - Analog Devices AD7884BN Datasheet HTML 7Page - Analog Devices AD7884BN Datasheet HTML 8Page - Analog Devices AD7884BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7884/AD7885
REV. C
–5–
ABSOLUTE MAXIMUM RATINGS
1
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –7 V
AVSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to –7 V
AGND Pins to DGND . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
AVDD to VDD
2
. . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AVSS to VSS
2
. . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –7 V
GND to DGND . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
VINS, VINF to AGND . . . . . . . . . . VSS –0.3 V to VDD + 0.3 V
VREF+ to AGND . . . . . . . . . . . . . . . VSS –0.3 V to VDD + 0.3 V
VREF– to AGND . . . . . . . . . . . . . . . VSS –0.3 V to VDD + 0.3 V
VINV to AGND . . . . . . . . . . . . . . . VSS –0.3 V to VDD + 0.3 V
Digital Inputs to DGND . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Digital Outputs to DGND . . . . . . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Commercial Plastic (A, B Versions) . . . . . –40
°C to +85°C
Industrial Cerdip (A, B Versions) . . . . . . . . –40
°C to +85°C
Extended Cerdip (T Versions) . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . +300
°C
Power Dissipation (Any Package) to +75
°C . . . . . . . 1000 mW
Derates above +75
°C by . . . . . . . . . . . . . . . . . . . . 10 mW/°C
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2If the AD7884/AD7885 is being powered from separate analog and digital supplies,
AVSS should always come up before VSS. See Figure 12 for a recommended
protection circuit using Schottky diodes.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although these devices feature proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN CONFIGURATIONS
DIP
DB2
DB1
DB0
DB13
DGND
DB11
AVSS
VDD
DB7
DB6
DB5
DB4
DB3
CS
RD
BUSY
DB8
DB9
DB10
DB12
V
DD
DB15
DB14
V INV
V
S
REF+
V
F
REF+
V REF–
AGNDS
AGNDF
AV
DD
VSS
GND
VSS
±3V S
IN
VSS
CONVST
GND
1
2
3
4
5
6
7
8
9
10
40
39
38
37
36
35
34
33
32
31
TOP VIEW
(Not to Scale)
AD7884
30
29
28
27
26
25
24
23
22
21
11
12
13
14
15
16
17
18
19
20
IN
±3V F
±5V S
IN
IN
±5V F
1
2
3
7
28
27
26
22
8
9
10
21
20
19
11
12
18
17
4
5
25
24
6
23
TOP VIEW
(Not to Scale)
13
14
16
15
AD7885
AV SS
VDD
CS
RD
V INV
V REF–
AGNDS
AGNDF
AV DD
GND
±3V
IN
VSS
CONVST
±5V S
IN
IN
±5V F
DB2
DB1
DB0
DGND
DB7
DB6
DB5
DB4
DB3
V
S
REF+
V
F
REF+
BUSY
HBEN
PLCC
±5V
INF
AD7884
TOP VIEW
(Not to Scale)
21
44
3
4
5
6
42
41
40
43
18
19
20
21
22
23
24
25
26
27
28
39
38
37
36
35
34
33
32
31
30
29
7
8
9
10
11
12
13
14
15
16
17
DGND
DB11
AV
DD
DB7
DB6
DB5
DB8
DB9
DB10
DB12
AGNDS
AGNDF
AV
SS
V
SS
GND
GND
NC
NC
NC = NO CONNECT
V
SS
V
DD
V
DD
AD7885A
TOP VIEW
(Not to Scale)
21
44
3
4
5
6
42
41 40
43
18
19
20
21
22
23
24
25
26
27
28
39
38
37
36
35
34
33
32
31
30
29
7
8
9
10
11
12
13
14
15
16
17
DGND
DB6
DB3
DB2
DB1
DB4
DB5
NC
DB7
V
DD
AGNDS
AGNDF
GND
GND
NC
NC
NC = NO CONNECT
±5V
INF
AV
DD
AV
SS
V
SS
V
SS
V
DD


Numéro de pièce similaire - AD7884BN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7884 AD-AD7884_15 Datasheet
262Kb / 16P
   LC MOS 16-Bit, High Speed Sampling ADCs
REV. E
More results

Description similaire - AD7884BN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7884 AD-AD7884_15 Datasheet
262Kb / 16P
   LC MOS 16-Bit, High Speed Sampling ADCs
REV. E
AD7885 AD-AD7885_15 Datasheet
262Kb / 16P
   LC MOS 16-Bit, High Speed Sampling ADCs
Rev. E
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7824 AD-AD7824 Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7776 AD-AD7776 Datasheet
220Kb / 12P
   LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com