Moteur de recherche de fiches techniques de composants électroniques |
|
AD7876 Fiches technique(PDF) 4 Page - Analog Devices |
|
AD7876 Fiches technique(HTML) 4 Page - Analog Devices |
4 / 20 page REV. B AD7870/AD7875/AD7876 –4– TIMING CHARACTERISTICS1, 2 Limit at TMIN, TMAX Limit at TMIN, TMAX Parameter (J, K, L, A, B, C Versions) (S, T Versions) Units Conditions/Comments t1 50 50 ns min CONVST Pulse Width t2 0 0 ns min CS to RD Setup Time (Mode 1) t3 60 75 ns min RD Pulse Width t4 0 0 ns min CS to RD Hold Time (Mode 1) t5 70 70 ns max RD to INT Delay t6 3 57 70 ns max Data Access Time after RD t7 4 5 5 ns min Bus Relinquish Time after RD 50 50 ns max t8 0 0 ns min HBEN to RD Setup Time t9 0 0 ns min HBEN to RD Hold Time t10 100 100 ns min SSTRB to SCLK Falling Edge Setup Time t11 5 370 370 ns min SCLK Cycle Time t12 6 135 150 ns max SCLK to Valid Data Delay. CL = 35 pF t13 20 20 ns min SCLK Rising Edge to SSTRB 100 100 ns max t14 10 10 ns min Bus Relinquish Time after SCLK 100 100 ns max t15 60 60 ns min CS to RD Setup Time (Mode 2) t16 120 120 ns max CS to BUSY Propagation Delay t17 200 200 ns min Data Setup Time Prior to BUSY t18 0 0 ns min CS to RD Hold Time (Mode 2) t19 0 0 ns min HBEN to CS Setup Time t20 0 0 ns min HBEN to CS Hold Time NOTES 1Timing specifications in bold print are 100% production tested. All other times are sample tested at +25 °C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V. 2Serial timing is measured with a 4.7 k Ω pull-up resistor on SDATA and SSTRB and a 2 kΩ pull-up on SCLK. The capacitance on all three outputs is 35 pF. 3t 6 is measured with the load circuits of Figure 1 and defined as the time required for an output to cross 0.8 V or 2.4 V. 4t 7 is defined as the time required for the data lines to change 0.5 V when loaded with the circuits of Figure 2. 5SCLK mark/space ratio (measured from a voltage level of 1.6 V) is 40/60 to 60/40. 6SDATA will drive higher capacitive loads but this will add to t 12 since it increases the external RC time constant (4.7 k Ω CL) and hence the time to reach 2.4 V. Specifications subject to chance without notice. (VDD = +5 V 5%, VSS = –5 V 5%, AGND = DGND = 0 V. See Figures 9, 10, 11 and 12.) ABSOLUTE MAXIMUM RATINGS* VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V VSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –7 V AGND to DGND . . . . . . . . . . . . . . . . . –0.3 V to VDD +0.3 V VIN to AGND . . . . . . . . . . . . . . . . . . . . . . . . . –15 V to +15 V REF OUT to AGND . . . . . . . . . . . . . . . . . . . . . . . . 0 V to VDD Digital Inputs to DGND . . . . . . . . . . . . –0.3 V to VDD +0.3 V Digital Outputs to DGND . . . . . . . . . . . –0.3 V to VDD +0.3 V Operating Temperature Range Commercial (J, K, L Versions – AD7870) . . . 0 °C to +70°C Commercial (K, L Versions – AD7875) . . . . . 0 °C to +70°C Industrial (A, B, C Versions – AD7870) . . . . –25 °C to +85°C Industrial (B, C Versions – AD7875/AD7876) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40 °C to +85°C Extended (S, T Versions) . . . . . . . . . . . . . . –55 °C to +125°C Storage Temperature Range . . . . . . . . . . . . . –65 °C to +150°C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300 °C Power Dissipation (Any Package) to +75 °C . . . . . . . . .450 mW Derates above +75 °C by . . . . . . . . . . . . . . . . . . . . . 10 mW/°C *Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. a. High-Z to VOH b. High-Z to VOL Figure 1. Load Circuits for Access Time a. VOH to High-Z b. VOL to High-Z Figure 2. Load Circuits for Output Float Delay CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD7870/AD7875/AD7876 feature proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE |
Numéro de pièce similaire - AD7876 |
|
Description similaire - AD7876 |