Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSH6008-CA50A Fiches technique(PDF) 1 Page - Rohm

No de pièce LSH6008-CA50A
Description  Add-on Structure Contact Image Sensor Heads
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LSH6008-CA50A Fiches technique(HTML) 1 Page - Rohm

  LSH6008-CA50A Datasheet HTML 1Page - Rohm LSH6008-CA50A Datasheet HTML 2Page - Rohm LSH6008-CA50A Datasheet HTML 3Page - Rohm LSH6008-CA50A Datasheet HTML 4Page - Rohm LSH6008-CA50A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.10 - Rev.A
Add-on Structure Contact Image Sensor Heads
LSH6008-CA50A
The Basic CIS by which the add-on can shorten the development period of a product sharply while being
able to satisfy broad demand.A taper glass and tempered glass can respond as an option.
As a measure against a paper jam, the custom-made correspondence of the special cantact plate can be
carried out.
Applications
Document Scanners,Bill sorters.Wide Format Scanners,and Lottery.
Features
1) High speed reading capability due to 3 analog output.
2) Signal amplifier integrated into each sensor IC in order to eliminate external noise ; compatible with 3.3V interface.
3) LED light source mounted on the same substrate as the sensor chip itself, resulting in a more compact, lightweight package.
4) Proprietary prism maintains a uniform output signal.
Dimensions (Unit : mm)
Pin No.
Pin No.
Signal
Signal
No.1
No.2
No.3
No.4
No.12
No.7
No.15
No.9
No.10
No.11
No.8
No.16
GND
GND
VDD
VREF
SP
CLK
VLED
No.5
No.13
B-GND
No.6
No.14
GND
G-GND
R-GND
NC
Fixing Pin
B
B
B-B
B-B
5±0.1
236±0.5
(55)
(55)
(55)
(55)
216
177±0.3
14.2±0.5
5±0.1
19.6
44±0.3
(7)
No.16
No.1
FFC Insert Direction
Focus point
A-A
A-A
10±0.5
57th(29th) pixel
A
A
(NOTE 2)
Connector : 04 6232 116 103 800 (Kyocera elco)
(NOTE 3)
General torelance : ±0.2
(NOTE 1)
Deflection at the top of glass : 0 to 0.25mm
Projection to platen is positive.
Ao1
Ao2
MODE
Ao3


Numéro de pièce similaire - LSH6008-CA50A

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
LSH6008-BA50A ROHM-LSH6008-BA50A Datasheet
907Kb / 5P
   Color Contact Image Sensor Heads for High-Speed Scanner
More results

Description similaire - LSH6008-CA50A

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
LSH3008-CA50A ROHM-LSH3008-CA50A Datasheet
165Kb / 5P
   Add-on Structure Contact Image Sensor Heads
LSH3008-CA10A ROHM-LSH3008-CA10A Datasheet
166Kb / 5P
   Add-on Structure Contact Image Sensor Heads
LSH2002-AA10A ROHM-LSH2002-AA10A_11 Datasheet
911Kb / 4P
   Contact Image Sensor Heads for Card-compatible
LSH1004-AB10A ROHM-LSH1004-AB10A_11 Datasheet
905Kb / 5P
   Contact Image Sensor Heads for narrow-width scanners
LSH2004-AA10A ROHM-LSH2004-AA10A_11 Datasheet
915Kb / 4P
   Contact Image Sensor Heads for narrow-width scanners
LSH2004-AA30A ROHM-LSH2004-AA30A_11 Datasheet
900Kb / 5P
   Contact Image Sensor Heads for narrow-width scanners
LSH3004-AA10A ROHM-LSH3004-AA10A_11 Datasheet
898Kb / 4P
   Contact Image Sensor Heads for narrow-width scanners
LSH2004-AA20A ROHM-LSH2004-AA20A_11 Datasheet
900Kb / 5P
   Contact Image Sensor Heads for narrow-width scanners
LSH3004-AA20A ROHM-LSH3004-AA20A_11 Datasheet
899Kb / 4P
   Contact Image Sensor Heads for narrow-width scanners
LSH6008-BA50A ROHM-LSH6008-BA50A Datasheet
907Kb / 5P
   Color Contact Image Sensor Heads for High-Speed Scanner
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com