Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU1840AMUV-E Fiches technique(PDF) 3 Page - Rohm

No de pièce BU1840AMUV-E
Description  For 2Cell Solar,Synchronous Switch-Mode Charger IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU1840AMUV-E Fiches technique(HTML) 3 Page - Rohm

  BU1840AMUV-E Datasheet HTML 1Page - Rohm BU1840AMUV-E Datasheet HTML 2Page - Rohm BU1840AMUV-E Datasheet HTML 3Page - Rohm BU1840AMUV-E Datasheet HTML 4Page - Rohm BU1840AMUV-E Datasheet HTML 5Page - Rohm BU1840AMUV-E Datasheet HTML 6Page - Rohm BU1840AMUV-E Datasheet HTML 7Page - Rohm BU1840AMUV-E Datasheet HTML 8Page - Rohm BU1840AMUV-E Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Datasheet
Datasheet
.
3/14
BU1840AMUV
TSZ02201-0Q1Q0AJ00130-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2.AUG.2012 Rev.001
TSZ22111・15・001
www.rohm.com
Electrical characteristics (Unless otherwise specified: Ta=25℃, VIO=1.8V)
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
I
2C input (SDA, SCL)】
L level input voltage
VIL1
-0.3
-
0.25 ×
VIO
V
H level input voltage
VIH1
0.75 ×
VIO
-
VIO
+0.3
V
Hysteresis width
Vhys1
0.05 ×
VIO
-
-
V
L level output voltage
(Sink current = 3mA)
VOL1
0
-
0.3
V
SDA pin
Input current
Iin1
-3
-
3
μ
A
Pin voltage=0~VIO
I
2C BUS format
The writing/reading operation is based on the I
2C slave standard.
Slave address
A7
A6
A5
A4
A3
A2
A1
R/W
1
1
1
0
0
0
1
1/0
Bit Transfer
SCL transfers 1-bit data during H. SCL cannot change
signal of SDA during H at the time of bit transfer. If SDA
changes while SCL is H, START conditions or STOP
conditions will occur and it will be interpreted as a
control signal.
START and STOP condition
When SDA and SCL are H, data is not transferred on
the I
2C- bus. This condition indicates, if SDA changes
from H to L while SCL has been H, it will become START
(S) conditions, and an access start, if SDA changes from
L to H while SCL has been H, it will become STOP (P)
conditions and an access end.
Acknowledge
It transfers data 8 bits each after the
occurrence
of
START
condition.
A
transmitter opens SDA after transfer 8bits
data,
and
a
receiver
returns
the
acknowledge signal by setting SDA to L.
Protocol
SDA
SCL
SDA a state of stability:
Data are effective
SDA
It can change
SDA
SCL
SP
START condition
STOP condition
12
89
DATA OUTPUT
BY TRANSMITTER
DATA OUTPUT
BY RECEIVER
acknowledge
not acknowledge
S
START condition
clock pulse for
acknowledgement
SCL
A
A
S
P
The mastering side is a transmitter.
The slave side is a receiver.
The slave side is a transmitter.
The mastering side is a receiver.
Unacknowledged
Acknowledge
Stop condition
Start condition
Sr Repetition start condition
Legend


Numéro de pièce similaire - BU1840AMUV-E

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU1840AMUV ROHM-BU1840AMUV Datasheet
710Kb / 17P
   For 2Cell Solar, Synchronous Switch-Mode Charger IC
More results

Description similaire - BU1840AMUV-E

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU1840AMUV ROHM-BU1840AMUV Datasheet
710Kb / 17P
   For 2Cell Solar, Synchronous Switch-Mode Charger IC
logo
Anpec Electronics Corop...
APW7262 ANPEC-APW7262 Datasheet
799Kb / 41P
   3MHz Synchronous Switch-Mode Battery Charger
logo
Texas Instruments
BQ24640 TI-BQ24640 Datasheet
703Kb / 25P
[Old version datasheet]   High-Efficiency Synchronous Switch-Mode Super Capacitor Charger
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
logo
SparkFun Electronics
PRT-16835 SPARKFUN-PRT-16835 Datasheet
144Kb / 2P
   Solar Panel Charger - 10W
8??1??0
logo
Toshiba Semiconductor
TC7710AWBG TOSHIBA-TC7710AWBG Datasheet
1Mb / 56P
   IC for Battery Charger
2014-10-01
logo
Shenzhen Huazhimei Semi...
HM4071 HMSEMI-HM4071 Datasheet
710Kb / 11P
   Lithium Ion Battery Charger for Solar-Powered Systems
logo
Shanghai Consonance Ele...
CN3065 CONSONANCE-CN3065 Datasheet
298Kb / 11P
   Lithium Ion Battery Charger for Solar-Powered Systems
CN3063 CONSONANCE-CN3063 Datasheet
148Kb / 11P
   Lithium Ion Battery Charger for Solar-Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com