Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7776 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD7776
Description  LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7776 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD7776 Datasheet HTML 2Page - Analog Devices AD7776 Datasheet HTML 3Page - Analog Devices AD7776 Datasheet HTML 4Page - Analog Devices AD7776 Datasheet HTML 5Page - Analog Devices AD7776 Datasheet HTML 6Page - Analog Devices AD7776 Datasheet HTML 7Page - Analog Devices AD7776 Datasheet HTML 8Page - Analog Devices AD7776 Datasheet HTML 9Page - Analog Devices AD7776 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD7776/AD7777/AD7778
–6–
REV. 0
CR6: Determines whether operation is on a single channel or
simultaneous sampling on two channels. Location CR6 is a
“don’t care” for the AD7776.
CR6
Function
0
Single channel operation. Channel select
address is contained in locations CR0–CR2.
1
Two channels simultaneously sampled
and sequentially converted. Channel
select addresses contained in locations
CR0–CR2 and CR3–CR5.
CR7: Determines whether the device is in the normal operating
mode or in the half-scale test mode.
CR7
Function
0
Normal Operating Mode
1
Half-Scale Test Mode
In the half-scale test mode REFIN is internally connected as an
analog input(s). In this mode locations CR0–CR2 and CR3–
CR5 are all “don’t cares” since it is REFIN which will be con-
verted. For the AD7777 and AD7778, the contents of location
CR6 still determine whether a single or a double conversion is
carried out on the REFIN level.
CR8: Determines whether the device is in the normal operating
mode or in the powerdown mode.
CR8
Function
0
Normal Operating Mode
1
Powerdown Mode
In the powerdown mode all linear circuitry is turned off and the
REFOUT output is weakly (5 k
Ω) pulled to AGND. The input
impedance of the analog inputs and of the REFIN input re-
mains the same in either normal mode or powerdown mode. See
under Circuit Description—Powerdown Mode.
CR9: Determines whether
BUSY/INT output flag goes low and
remains low during conversion(s) or else goes low and remains
low after the conversion(s) is (are) complete.
CR9
BUSY/INT Functionality
0
Output goes low and remains low during
conversion(s).
1
Output goes low and remains low after conversion(s)
is (are) complete.
ADC Conversion Start Timing
Figure 6 shows the operating waveforms for the start of a con-
version cycle. On the rising edge of
WR, the conversion cycle
starts with the acquisition and tracking of the selected ADC
channel, AIN1–8. The analog input voltage is held 40 ns (typi-
cally) after the first rising edge of CLKIN following four com-
plete CLKIN cycles. If tD in Figure 6 is greater than 12 ns, the
falling edge of CLKIN as shown will be seen as the first falling
clock edge. If tD is less than 12 ns, the first falling clock edge to
be recognized will not occur until one cycle later.
Following the “hold” on the analog input(s), two complete
CLKIN cycles are allowed for settling purposes before the MSB
decision is made. The actual decision point occurs approximately
40 ns after the rising edge of CLKIN as shown in Figure 6. A
further two CLKIN cycles are allowed for the second MSB
decision. The succeeding bit decisions are made approximately
40 ns after each rising edge of CLKIN until the conversion is
complete. At the end of conversion, if a single conversion
has been requested (CR6 = 0), the
BUSY/INT line changes
CONTROL REGISTER
The control register is 10-bits wide and can only be written to.
On power-on, all locations in the control register are automati-
cally loaded with 0s. For the single channel AD7776, locations
CR0 to CR6 of the control register are “don’t cares.” For the
quad channel AD7777, locations CR2 and CR5 are “don’t
cares.” Individual bit functions are described below.
CR0–CR2: Channel Address Locations. Determines which channel
will be selected and converted for single channel operation. For si-
multaneous sampling operation CR0–CR2 holds the address of one
of the two channels to be sampled.
AD7776
CR2 CR1
CR0
Function
X*
X
X
Select AIN1
*X = Don’t Care
AD7777
CR2 CR1
CR0
Function
X*
0
0
Select AIN1
X
0
1
Select AIN2
X
1
0
Select AIN3
X
1
1
Select AIN4
*X = Don’t Care
AD7778
CR2 CR1
CR0
Function
0
0
0
Select AIN1
0
0
1
Select AIN2
0
1
0
Select AIN3
0
1
1
Select AIN4
1
0
0
Select AIN5
1
0
1
Select AIN6
1
1
0
Select AIN7
1
1
1
Select AIN8
CR3–CR5: Channel Address Locations. Only applicable for simul-
taneous sampling with the AD7777 or AD7778 when CR3–CR5
holds the address of the second channel to be sampled.
AD7777
CR5 CR4
CR3
Function
X*
0
0
Select AIN1
X
0
1
Select AIN2
X
1
0
Select AIN3
X
1
1
Select AIN4
*X = Don’t Care
AD7778
CR5 CR4
CR3
Function
0
0
0
Select AIN1
0
0
1
Select AIN2
0
1
0
Select AIN3
0
1
1
Select AIN4
1
0
0
Select AIN5
1
0
1
Select AIN6
1
1
0
Select AIN7
1
1
1
Select AIN8


Numéro de pièce similaire - AD7776

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7776 AD-AD7776_02 Datasheet
550Kb / 12P
   LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
REV. A
AD7776 AD-AD7776_15 Datasheet
550Kb / 12P
   LC MOS High Speed 1. 4 nad 8 Channel 10 Bit ADCs
REV. A
More results

Description similaire - AD7776

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7776 AD-AD7776_02 Datasheet
550Kb / 12P
   LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
REV. A
AD7824 AD-AD7824 Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KNZ AD-AD7828KNZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7778 AD-AD7778_15 Datasheet
550Kb / 12P
   LC MOS High Speed 1. 4 and 8 Channel 10 Bit ADCs
REV. A
AD7776 AD-AD7776_15 Datasheet
550Kb / 12P
   LC MOS High Speed 1. 4 nad 8 Channel 10 Bit ADCs
REV. A
AD7777 AD-AD7777_15 Datasheet
550Kb / 12P
   LC MOS High Speed 1. 4 and 8 Channel 10 Bit ADCs
REV. A
AD7884 AD-AD7884 Datasheet
319Kb / 16P
   LC2MOS 16-Bit, High Speed Sampling ADCs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com