Moteur de recherche de fiches techniques de composants électroniques |
|
AD7701SQ Fiches technique(PDF) 7 Page - Analog Devices |
|
AD7701SQ Fiches technique(HTML) 7 Page - Analog Devices |
7 / 16 page –7– REV. D AD7701 The AD7701 can perform self-calibration using the on-chip calibration microcontroller and SRAM to store calibration parameters. A calibration cycle may be initiated at any time using the CAL control input. Other system components may also be included in the calibration loop to remove offset and gain errors in the input channel. For battery operation, the AD7701 also offers a standby mode that reduces idle power consumption to typically 10 µW. THEORY OF OPERATION The general block diagram of a sigma-delta ADC is shown in Figure 8. It contains the following elements. 1. A sample-hold amplifier. 2. A differential amplifier or subtracter. 3. An analog low-pass filter. 4. A 1-bit A/D converter (comparator). 5. A 1-bit DAC. 6. A digital low-pass filter. In operation, the analog signal sample is fed to the subtracter, along with the output of the 1-bit DAC. The filtered difference signal is fed to the comparator, whose output samples the difference signal at a frequency many times that of the analog signal sampling frequency (oversampling). ANALOG LOW-PASS FILTER COMPARATOR DIGITAL FILTER DIGITAL DATA S/H AMP DAC Figure 8. General Sigma-Delta ADC Oversampling is fundamental to the operation of sigma-delta ADCs. Using the quantization noise formula for an ADC: SNR = (6.02 × number of bits + 1.76) dB a 1-bit ADC or comparator yields an SNR of 7.78 dB. The AD7701 samples the input signal at 16 kHz, which spreads the quantization noise from 0 to 8 kHz. Since the specified analog input bandwidth of the AD7701 is only 0 to 10 Hz, the noise energy in this bandwidth would be only 1/800 of the total quantization noise, even if the noise energy was spread evenly throughout the spectrum. It is reduced still further by analog filtering in the modulator loop, which shapes the quantization noise spectrum to move most of the noise energy to frequencies above 10 Hz. The SNR performance in the 0 to 10 Hz range is conditioned to the 16-bit level in this fashion. The output of the comparator provides the digital input for the 1-bit DAC, so that the system functions as a negative feedback loop that tries to minimize the difference signal. The digital data that represents the analog input voltage is contained in the duty cycle of the pulse train appearing at the output of the compara- tor. It can be retrieved as a parallel binary data word using a digital filter. OFFSET CALIBRATION RANGE In the system calibration modes (SC2 low) the AD7701 calibrates its offset with respect to the AIN pin. The Offset Calibration Range specification defines the range of voltages, expressed as a percentage of VREF that the AD7701 can accept and still calibrate offset accurately. FULL-SCALE CALIBRATION RANGE This is the range of voltages that the AD7701 can accept in the system calibration mode and still calibrate full-scale correctly. INPUT SPAN In system calibration schemes, two voltages applied in sequence to the AD7701’s analog input define the analog input range. The input span specification defines the minimum and maxi- mum input voltages from zero to full-scale that the AD7701 can accept and still calibrate gain accurately. The input span is ex- pressed as a percentage of VREF. GENERAL DESCRIPTION The AD7701 is a 16-bit A/D converter with on-chip digital filtering, intended for the measurement of wide dynamic range, low frequency signals such as those representing chemical, physical or biological processes. It contains a charge-balancing (sigma-delta) ADC, calibration microcontroller with on-chip static RAM, a clock oscillator and a serial communications port. The analog input signal to the AD7701 is continuously sampled at a rate determined by the frequency of the master clock, CLKIN. A charge-balancing A/D converter (Sigma-Delta Modulator) converts the sampled signal into a digital pulse train whose duty cycle contains the digital information. A six-pole Gaussian digital low-pass filter processes the output of the modulator and updates the 16-bit output register at a 4 kHz rate. The output data can be read from the serial port randomly or periodically at any rate up to 4 kHz. AD7701 MODE SDATA SC1 DGND CLKOUT CLKIN AGND SCLK SC2 CAL CS BP/UP DVSS DVDD SLEEP RANGE SELECT CALIBRATE ANALOG INPUT ANALOG GROUND –5V ANALOG SUPPLY 0.1 µF SERIAL DATA SERIAL CLOCK READ (TRANSMIT) DATA READY +5V ANALOG SUPPLY 2.5V 0.1 µF 0.1 µF VOLTAGE REFERENCE DRDY 0.1 µF 10 µF AVDD VREF AIN AVSS 0.1 µF 10 µF Figure 7. Typical System Connection Diagram |
Numéro de pièce similaire - AD7701SQ |
|
Description similaire - AD7701SQ |